Electronic Components Datasheet Search
  English  ▼

X  

PE87FL1007 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE87FL1007
Description  Bandpass Filters Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE87FL1007 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE87FL1007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE87FL1007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE87FL1007 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE87FL1007 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE87FL1007 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Features
• Pass band of 4000 MHz
• 17.2 GHz to 21.2 GHz
• Eight section
•
Combline filter design
•
50 dB rejection at 13.45 GHz and 24.95 GHz (5.75
GHz from band center)
•
Typical insertion loss of 1 dB
•
Female SMA connectors
Applications
• Satellite communications
.
Description
The PE87FL1007 is an eight section band pass filter. It is part of a family of filters that is useful for satellite communications. The
pass band is 4000 MHz wide, from 17.2 GHz to 21.2 GHz. Implemented using a Combline design, the filter has excellent
rejection of 50 dB at 13.45 GHz and 24.95 GHz, or ±5.75 GHz from mid band. It has a maximum insertion loss of 1 dB. The
PE87FL1007 has SMA female connectors.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Passband Frequency
17.2
21.2
GHz
Impedance
50
Ohms
Insertion Loss
1
dB
Passband VSWR
1.4:1
Rejection at 13.45 GHz
50
dB
Rejection at 24.95 GHz
50
dB
Input Power, CW
2
Watts
.
Electrical Specification Notes: Values at 25°C, sea level.
Mechanical Specifications
Size
Length
1.32 in [33.53 mm]
Width
0.5 in [12.7 mm]
Height
0.4 in [10.16 mm]
.
Configuration
Design
Combline
Number of Sections
8
Package Style
Connectorized
Connector 1
SMA Female
Connector 2
SMA Female
Connector Option
Field Replaceable
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 8 Section Bandpass Filter With SMA Female Connectors Operating From 17.2 GHz to
21.2 GHz With a 4 GHz Passband PE87FL1007
PE87FL1007 REV 1.0
8 Section Bandpass Filter With SMA Female Connectors
Operating From 17.2 GHz to 21.2 GHz With a 4 GHz Passband
Bandpass Filters Technical Data Sheet
PE87FL1007


Similar Part No. - PE87FL1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE87FL1000 PASTERNACK-PE87FL1000 Datasheet
464Kb / 5P
Bandpass Filters Technical Data Sheet
PE87FL1001 PASTERNACK-PE87FL1001 Datasheet
466Kb / 5P
Bandpass Filters Technical Data Sheet
PE87FL1002 PASTERNACK-PE87FL1002 Datasheet
466Kb / 5P
Bandpass Filters Technical Data Sheet
PE87FL1003 PASTERNACK-PE87FL1003 Datasheet
466Kb / 5P
Bandpass Filters Technical Data Sheet
PE87FL1004 PASTERNACK-PE87FL1004 Datasheet
466Kb / 5P
Bandpass Filters Technical Data Sheet
More results

Similar Description - PE87FL1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE87FL1000 PASTERNACK-PE87FL1000 Datasheet
464Kb / 5P
Bandpass Filters Technical Data Sheet
PE87FL1002 PASTERNACK-PE87FL1002 Datasheet
466Kb / 5P
Bandpass Filters Technical Data Sheet
PE87FL1003 PASTERNACK-PE87FL1003 Datasheet
466Kb / 5P
Bandpass Filters Technical Data Sheet
PE87FL1004 PASTERNACK-PE87FL1004 Datasheet
466Kb / 5P
Bandpass Filters Technical Data Sheet
PE87FL1005 PASTERNACK-PE87FL1005 Datasheet
464Kb / 5P
Bandpass Filters Technical Data Sheet
PE87FL1006 PASTERNACK-PE87FL1006 Datasheet
465Kb / 5P
Bandpass Filters Technical Data Sheet
PE87FL1008 PASTERNACK-PE87FL1008 Datasheet
465Kb / 5P
Bandpass Filters Technical Data Sheet
PE87FL1009 PASTERNACK-PE87FL1009 Datasheet
487Kb / 5P
Bandpass Filters Technical Data Sheet
PE87FL1010 PASTERNACK-PE87FL1010 Datasheet
487Kb / 5P
Bandpass Filters Technical Data Sheet
PE87FL1011 PASTERNACK-PE87FL1011 Datasheet
485Kb / 5P
Bandpass Filters Technical Data Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com