Electronic Components Datasheet Search
  English  ▼

X  

EL5421 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5421
Description  Quad 12MHz Rail-to-Rail Input-Output Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5421 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5421 Datasheet HTML 1Page - Intersil Corporation EL5421 Datasheet HTML 2Page - Intersil Corporation EL5421 Datasheet HTML 3Page - Intersil Corporation EL5421 Datasheet HTML 4Page - Intersil Corporation EL5421 Datasheet HTML 5Page - Intersil Corporation EL5421 Datasheet HTML 6Page - Intersil Corporation EL5421 Datasheet HTML 7Page - Intersil Corporation EL5421 Datasheet HTML 8Page - Intersil Corporation EL5421 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN7198.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL5421
Quad 12MHz Rail-to-Rail Input-Output
Buffer
The EL5421 is a quad, low power, high
voltage rail-to-rail input-output buffer.
Operating on supplies ranging from 5V
to 15V, while consuming only 500µA per channel, the
EL5421 has a bandwidth of 12MHz (-3dB). The EL5421 also
provides rail-to-rail input and output ability, giving the
maximum dynamic range at any supply voltage.
The EL5421 also features fast slewing and settling times, as
well as a high output drive capability of 30mA (sink and
source). These features make the EL5421 ideal for use as
voltage reference buffers in Thin Film Transistor Liquid
Crystal Displays (TFT-LCD). Other applications include
battery power, portable devices and anywhere low power
consumption is important.
The EL5421 is available in a space saving 10-pin MSOP
package and operates over a temperature range of -40°C to
+85°C.
Pinout
EL 5421
(10-PIN MSOP)
TOP VIEW
Features
• 12MHz -3dB bandwidth
• Unity gain buffer
• Supply voltage = 4.5V to 16.5V
• Low supply current (per buffer) = 500µA
• High slew rate = 10V/µs
• Rail-to-rail operation
• “Mini” SO package (MSOP)
• Pb-free package available
Applications
• TFT-LCD drive circuits
• Electronics notebooks
• Electronics games
• Personal communication devices
• Personal digital assistants (PDA)
• Portable instrumentation
• Wireless LANs
• Office automation
• Active filters
• ADC/DAC buffers
1
2
3
4
10
9
8
7
5
6
VOUTA
VINA
VS+
VINB
VOUTB
VOUTD
VIND
VS-
VINC
VOUTC
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL5421CY
10-Pin MSOP
-
MDP0043
EL5421CY-T7
10-Pin MSOP
7”
MDP0043
EL5421CY-T13
10-Pin MSOP
13”
MDP0043
EL5421CYZ
(Note)
10-Pin MSOP
(Pb-Free)
-
MDP0043
EL5421CYZ-T7
(Note)
10-Pin MSOP
(Pb-Free)
7”
MDP0043
EL5421CYZ-T13
(Note)
10-Pin MSOP
(Pb-Free)
13”
MDP0043
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
Data Sheet
June 14, 2004


Similar Part No. - EL5421

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5421 INTERSIL-EL5421 Datasheet
179Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2007
logo
Renesas Technology Corp
EL5421 RENESAS-EL5421 Datasheet
569Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Elantec Semiconductor
EL5421C ELANTEC-EL5421C Datasheet
255Kb / 13P
Quad 12MHz Rail-to-Rail Input-Output Buffer
EL5421CY ELANTEC-EL5421CY Datasheet
255Kb / 13P
Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5421CY INTERSIL-EL5421CY Datasheet
179Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2007
More results

Similar Description - EL5421

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5221C ELANTEC-EL5221C Datasheet
263Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5421C ELANTEC-EL5421C Datasheet
255Kb / 13P
Quad 12MHz Rail-to-Rail Input-Output Buffer
logo
Intersil Corporation
EL5221 INTERSIL-EL5221 Datasheet
166Kb / 11P
Dual 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2005
EL5221 INTERSIL-EL5221_07 Datasheet
218Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
July 25, 2007
EL5421 INTERSIL-EL5421_07 Datasheet
179Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
August 2, 2007
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5221 RENESAS-EL5221 Datasheet
602Kb / 13P
Dual 12MHz Rail-to-Rail Input-Output Buffer
EL5421 RENESAS-EL5421 Datasheet
569Kb / 12P
Quad 12MHz Rail-to-Rail Input-Output Buffer
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com