Electronic Components Datasheet Search
  English  ▼

X  

EL5421 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5421
Description  Quad 12MHz Rail-to-Rail Input-Output Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5421 Datasheet(HTML) 3 Page - Intersil Corporation

  EL5421 Datasheet HTML 1Page - Intersil Corporation EL5421 Datasheet HTML 2Page - Intersil Corporation EL5421 Datasheet HTML 3Page - Intersil Corporation EL5421 Datasheet HTML 4Page - Intersil Corporation EL5421 Datasheet HTML 5Page - Intersil Corporation EL5421 Datasheet HTML 6Page - Intersil Corporation EL5421 Datasheet HTML 7Page - Intersil Corporation EL5421 Datasheet HTML 8Page - Intersil Corporation EL5421 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Electrical Specifications
VS+ = +5V, VS- = 0V, RL = 10kΩ and CL = 10pF to 2.5V, TA = 25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 2.5V
2
10
mV
TCVOS
Average Offset Voltage Drift
(Note 1)
5
µV/°C
IB
Input Bias Current
VCM = 2.5V
2
50
nA
RIN
Input Impedance
1G
Ω
CIN
Input Capacitance
1.35
pF
AV
Voltage Gain
0.5
≤ VOUT ≤ 4.5V
0.995
1.005
V/V
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -5mA
80
150
mV
VOH
Output Swing High
IL = 5mA
4.85
4.92
V
ISC
Short Circuit Current
Short to GND (Note 2)
±80
±120
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from 4.5V to 15.5V
60
80
dB
IS
Supply Current (Per Buffer)
No load
500
750
µA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 3)
1V
≤ VOUT ≤ 4V, 20% to 80%
7
10
V/µs
tS
Settling to +0.1%
VO = 2V step
500
ns
BW
-3dB Bandwidth
RL = 10kΩ, CL = 10pF
12
MHz
CS
Channel Separation
f = 5MHz
75
dB
NOTES:
1. Measured over the operating temperature range
2. Parameter is guaranteed (but not test) by design and characterization data
3. Slew rate is measured on rising and falling edges
EL5421



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com