Electronic Components Datasheet Search
  English  ▼

X  

BR3F Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # BR3F
Description  High Voltage Medium and High Current Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

BR3F Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  BR3F Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD BR3F Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BR3F
750mA 3.0kV 100nS
High Voltage Medium and High Current Diodes
----------------------------------------------------------------------------------------------------------------------------- -------
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2017-10 1 / 2
INTRODUCE:
HVGT high voltage silicon rectifier diodes is made
of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and
through professional testing equipment inspection
qualified after to customers.
FEATURES:
1. High reliability design.
2. High voltage design.
3. High frequency.
4. Conform to RoHS and SGS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage multiplier circuit
2. Electrostatic generator circuit .
3. General purpose high voltage rectifier.
4. Other.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 2.1 grams (approx).
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: DO-590
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value
Units
Repetitive Peak Renerse Voltage
VRRM
TA=25°C
3.0
kV
Non-Repetitive Peak Renerse Voltage
VRSM
TA=25°C
--
kV
Average Forward Current Maximum
IFAVM
TA=55°C
750
mA
TOIL=55°C
--
mA
Non-Repetitive Forward Surge Current
IFSM
TA=25°C; 60Hz Half-Sine Wave; 8.3mS
30
A
Junction Temperature
TJ
150
°C
Allowable Operation Case Temperature
Tc
-40~+150
°C
Storage Temperature
TSTG
-40~+150
°C
ELECTRICAL CHARACTERISTICS: TA=25°C (Unless Otherwise Specified)
Items
Symbols
Condition
Data value
Units
Maximum Forward Voltage Drop
VFM
at 25°C; at IFAVM
5.3
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
5.0
uA
IR2
at 100°C; at VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
100
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
35
pF


Similar Part No. - BR3F

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR3F GETEDZ-BR3F Datasheet
68Kb / 1P
3.0kV 1.0A HIGH VOLTAGE DIODES
logo
Stackpole Electronics, ...
BR3FB50L0 SEI-BR3FB50L0 Datasheet
331Kb / 5P
Bare Element Current Sensing Resistor
10/8/2021
BR3FB5L00 SEI-BR3FB5L00 Datasheet
331Kb / 5P
Bare Element Current Sensing Resistor
10/8/2021
BR3FBR100 SEI-BR3FBR100 Datasheet
331Kb / 5P
Bare Element Current Sensing Resistor
10/8/2021
logo
GETAI ELECTRONICS DEVIC...
BR3F GETEDZ-BR3F_17 Datasheet
527Kb / 2P
750mA 3.0kV 100nS -High Voltage Medium and High Current Diodes
More results

Similar Description - BR3F

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR2F GETEDZ-BR2F_1 Datasheet
517Kb / 2P
High Voltage Medium and High Current Diodes
BR4F GETEDZ-BR4F_1 Datasheet
517Kb / 2P
High Voltage Medium and High Current Diodes
BR5F GETEDZ-BR5F_1 Datasheet
517Kb / 2P
High Voltage Medium and High Current Diodes
BR6F GETEDZ-BR6F_17 Datasheet
517Kb / 2P
High Voltage Medium and High Current Diodes
BR10F GETEDZ-BR10F_1 Datasheet
516Kb / 2P
High Voltage Medium and High Current Diodes
BRU04SF GETEDZ-BRU04SF Datasheet
518Kb / 2P
High Voltage Medium and High Current Diodes
BRU10SF GETEDZ-BRU10SF_17 Datasheet
517Kb / 2P
High Voltage Medium and High Current Diodes
BR02 GETEDZ-BR02_17 Datasheet
506Kb / 2P
High Voltage Medium and High Current Diodes
BR04 GETEDZ-BR04_17 Datasheet
507Kb / 2P
High Voltage Medium and High Current Diodes
HVM12W GETEDZ-HVM12W Datasheet
512Kb / 2P
High Voltage Medium and High Current Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com