Electronic Components Datasheet Search
  English  ▼

X  

BR3F Datasheet(PDF) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # BR3F
Description  High Voltage Medium and High Current Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

BR3F Datasheet(HTML) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

  BR3F Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD BR3F Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BR3F
750mA 3.0kV 100nS
High Voltage Medium and High Current Diodes
----------------------------------------------------------------------------------------------------------------------------- -------
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2017-10 2 / 2
Fig 1
Fig 2
Forward Current Derating Curve
Reverse Recovery Measurement Waveform
Typical data capture points: IF =0.5IR , IR,IRR =0.25IR
IR is typically the rated average forward current maximum
(IFAVM) of the D.U.T
Fig 3
Non-Repetitive Surge Current
Cycles (60Hz)
Marking
Type
Code
Cathode Mark
BR3F
BR3F
HVGT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com