Electronic Components Datasheet Search
  English  ▼

X  

IRF830A Datasheet(PDF) 8 Page - International Rectifier

Part # IRF830A
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF830A Datasheet(HTML) 8 Page - International Rectifier

  IRF830A Datasheet HTML 1Page - International Rectifier IRF830A Datasheet HTML 2Page - International Rectifier IRF830A Datasheet HTML 3Page - International Rectifier IRF830A Datasheet HTML 4Page - International Rectifier IRF830A Datasheet HTML 5Page - International Rectifier IRF830A Datasheet HTML 6Page - International Rectifier IRF830A Datasheet HTML 7Page - International Rectifier IRF830A Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRF830A
8
www.irf.com
L E AD ASSIG NMENT S
1 - GA TE
2 - DR A IN
3 - S OU RCE
4 - DR A IN
- B -
1.32 (.05 2 )
1.22 (.04 8 )
3X
0.55 (.022)
0.46 (.018)
2.92 (.115)
2.64 (.104)
4.69 (.185)
4.20 (.165)
3X
0.93 (.0 37 )
0.69 (.0 27 )
4.06 (.160)
3.55 (.140)
1.15 (.04 5)
MIN
6.47 (.2 55)
6.10 (.2 40)
3.78 (.14 9)
3.54 (.13 9)
- A -
10 .54 (.41 5)
10 .29 (.40 5)
2.87 (.113)
2.62 (.103)
15.24 (.600)
14.84 (.584)
14 .09 (.55 5)
13 .47 (.53 0)
3X
1.40 (.05 5 )
1.15 (.04 5 )
2.54 (.100)
2X
0.36 (.0 1 4)
M
B A
M
4
1
2
3
NOT ES :
1 DIMEN S IONING & T OLE R AN CIN G PE R A NS I Y1 4.5M, 19 82 .
3 OUT LINE C ONF O RMS T O JED EC O UT LIN E TO -2 2 0A B.
2 CO NT RO LLING D IMEN S ION : IN CH
4 HE A TS IN K & LE A D ME AS UR E MEN TS D O NO T INCLUDE B U RRS .
Part Marking Information
TO-220AB
Package Outline
TO-220AB Outline
Dimensions are shown in millimeters (inches)
PAR T N U M BER
IN T E R N A T IO N A L
RE CT IF IE R
L O G O
E X A M P L E :
T H IS IS A N IR F 1 0 1 0
W IT H A S S E M B L Y
L O T C O D E 9 B 1 M
A SSEM BL Y
L O T
C O D E
DA T E CO D E
(Y Y WW)
YY = Y E AR
WW = WE E K
924 6
IR F 1010
9B
1M
A
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ I
SD ≤ 5.0A, di/dt ≤ 370A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting TJ = 25°C, L = 18mH
RG = 25Ω, IAS = 5.0A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936
Data and specifications subject to change without notice. 5/00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com