Electronic Components Datasheet Search
  English  ▼

X  

IRF830A Datasheet(PDF) 1 Page - International Rectifier

Part # IRF830A
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF830A Datasheet(HTML) 1 Page - International Rectifier

  IRF830A Datasheet HTML 1Page - International Rectifier IRF830A Datasheet HTML 2Page - International Rectifier IRF830A Datasheet HTML 3Page - International Rectifier IRF830A Datasheet HTML 4Page - International Rectifier IRF830A Datasheet HTML 5Page - International Rectifier IRF830A Datasheet HTML 6Page - International Rectifier IRF830A Datasheet HTML 7Page - International Rectifier IRF830A Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
5/4/00
IRF830A
SMPS MOSFET
HEXFET® Power MOSFET
l Switch Mode Power Supply ( SMPS )
l Uninterruptable Power Supply
l High speed power switching
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
l Effective Coss specified ( See AN 1001)
VDSS
Rds(on) max
ID
500V
1.40
Ω
5.0A
Typical SMPS Topologies:
l Two transistor Forward
l Half Bridge and Full Bridge
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
5.0
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
3.2
A
IDM
Pulsed Drain Current

20
PD @TC = 25°C
Power Dissipation
74
W
Linear Derating Factor
0.59
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.3
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
TO-220AB
S
D
G
PD- 91878C
Notes
 through … are on page 8


Similar Part No. - IRF830A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF830A IRF-IRF830A Datasheet
108Kb / 8P
SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRF830A KERSEMI-IRF830A Datasheet
3Mb / 7P
Low Gate Charge Qg Results in Simple Drive Requirement
logo
Vishay Siliconix
IRF830A VISHAY-IRF830A Datasheet
1Mb / 9P
Power MOSFET
21-Mar-11
logo
Inchange Semiconductor ...
IRF830A ISC-IRF830A Datasheet
280Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRF830A VISHAY-IRF830A Datasheet
258Kb / 9P
Power MOSFET
16-Aug-2021
More results

Similar Description - IRF830A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com