Electronic Components Datasheet Search
  English  ▼

X  

PE6TR005 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6TR005
Description  RF Terminations Technical Data Sheet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6TR005 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6TR005 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6TR005 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6TR005 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
1 Watt RF Load Up to 10 GHz with SMC Jack from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1 Watt RF Load Up to 10 GHz with SMC Jack PE6TR005
URL: https://www.pasternack.com/1-watts-smc-jack-rf-load-10-ghz-pe6tr005-p.aspx
PE6TR005
PE6TR005 REV 1.0
RF Terminations Technical Data Sheet
1 Watt RF Load Up to 10 GHz with SMC Jack



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com