Electronic Components Datasheet Search
  English  ▼

X  

PE6TR005 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6TR005
Description  RF Terminations Technical Data Sheet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6TR005 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6TR005 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6TR005 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6TR005 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
10
GHz
Impedance
50
Ohms
VSWR
1.35:1
Input Power (CW)
1
Watts
.
Mechanical Specifications
Size
Length
0.689 in [17.5 mm]
Width
0.25 in [6.35 mm]
.
Weight
0.007 lbs [3.18 g]
.
Configuration
Connector
SMC Jack
Material Specifications
Description
Material
Plating
Connector 1 Contact
Brass
Gold
Insulation
PTFE
Body
Brass
Gold
.
Environmental Specifications
Temperature
Operating Range
-45 to +120 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE6TR005
PE6TR005 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1 Watt RF Load Up to 10 GHz with SMC Jack PE6TR005
RF Terminations Technical Data Sheet
1 Watt RF Load Up to 10 GHz with SMC Jack


Similar Part No. - PE6TR005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6TR000 PASTERNACK-PE6TR000 Datasheet
349Kb / 4P
RF Terminations Technical Data Sheet
PE6TR001 PASTERNACK-PE6TR001 Datasheet
436Kb / 4P
RF Terminations Technical Data Sheet
PE6TR002 PASTERNACK-PE6TR002 Datasheet
336Kb / 3P
RF Terminations Technical Data Sheet
PE6TR003 PASTERNACK-PE6TR003 Datasheet
163Kb / 1P
Pasternack Enterprises
PE6TR004 PASTERNACK-PE6TR004 Datasheet
342Kb / 3P
RF Terminations Technical Data Sheet
More results

Similar Description - PE6TR005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6TR006 PASTERNACK-PE6TR006 Datasheet
342Kb / 3P
RF Terminations Technical Data Sheet
PE6TR009 PASTERNACK-PE6TR009 Datasheet
351Kb / 3P
RF Terminations Technical Data Sheet
PE6TR014 PASTERNACK-PE6TR014 Datasheet
352Kb / 3P
RF Terminations Technical Data Sheet
PE6TR1014 PASTERNACK-PE6TR1014 Datasheet
334Kb / 3P
RF Terminations Technical Data Sheet
PE6TR1030 PASTERNACK-PE6TR1030 Datasheet
451Kb / 4P
RF Terminations Technical Data Sheet
PE6TR1040 PASTERNACK-PE6TR1040 Datasheet
385Kb / 4P
RF Terminations Technical Data Sheet
PE6TR1045 PASTERNACK-PE6TR1045 Datasheet
379Kb / 4P
RF Terminations Technical Data Sheet
PE6TR1046 PASTERNACK-PE6TR1046 Datasheet
381Kb / 4P
RF Terminations Technical Data Sheet
PE6TR1047 PASTERNACK-PE6TR1047 Datasheet
376Kb / 4P
RF Terminations Technical Data Sheet
PE6TR1052 PASTERNACK-PE6TR1052 Datasheet
377Kb / 4P
RF Terminations Technical Data Sheet
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com