Electronic Components Datasheet Search
  English  ▼

X  

AR0130CS Datasheet(PDF) 1 Page - ON Semiconductor

Part # AR0130CS
Description  1/3?릋nch CMOS Digital Image Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CS Datasheet(HTML) 1 Page - ON Semiconductor

  AR0130CS Datasheet HTML 1Page - ON Semiconductor AR0130CS Datasheet HTML 2Page - ON Semiconductor AR0130CS Datasheet HTML 3Page - ON Semiconductor AR0130CS Datasheet HTML 4Page - ON Semiconductor AR0130CS Datasheet HTML 5Page - ON Semiconductor AR0130CS Datasheet HTML 6Page - ON Semiconductor AR0130CS Datasheet HTML 7Page - ON Semiconductor AR0130CS Datasheet HTML 8Page - ON Semiconductor AR0130CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
© Semiconductor Components Industries, LLC, 2016
May, 2017 − Rev. 13
1
Publication Order Number:
AR0130CS/D
AR0130CS
1/3‐inch CMOS Digital
Image Sensor
Description
ON Semiconductor AR0130 is a 1/3−inch CMOS digital image
sensor with an active−pixel array of 1280H x 960V. It captures images
with a rolling−shutter readout. It includes sophisticated camera
functions such as auto exposure control, windowing, and both video
and single frame modes. It is programmable through a simple
two−wire serial interface. The AR0130 produces extraordinarily clear,
sharp digital pictures, and its ability to capture both continuous video
and single frames makes it the perfect choice for a wide range of
applications, including gaming systems, surveillance, and HD video.
Table 1. KEY PERFORMANCE PARAMETERS
Parameter
Typical Value
Optical Format
1/3-inch (6 mm)
Active Pixels
1280 (H) × 960 (V) = 1.2 Mp
Pixel Size
3.75 mm
Color Filter Array
Monochrome, RGB Bayer
Shutter Type
Electronic Rolling Shutter
Input Clock Range
6 – 50 MHz
Output Clock Maximum
74.25 MHz
Output
Parallel
12-bit
Max. Frame Rates
1.2 Mp (Full FOV)
720p HD (Reduced FOV)
VGA (Full FOV)
VGA (Reduced FOV)
800 x 800 (Reduced FOV)
45 fps
60 fps
45 fps
60 fps
60 fps
Responsivity at 550 nm
Monochrome
RGB Green
6.5 V/lux−sec
5.6 V/lux−sec
SNRMAX
44 dB
Dynamic Range
82 dB
Supply Voltage
I/O
Digital
Analog
1.8 or 2.8 V
1.8 V
2.8 V
Power Consumption
270 mW (1280 x 720 60 fps)
Operating Temperature
–30°C to + 70°C (Ambient)
–30°C to + 80°C (Junction)
Package Options
PLCC
10 × 10 mm 48-pin iLCC
Bare Die
www.onsemi.com
Features
• Superior Low-light Performance Both in
VGA Mode and HD Mode
• Excellent Near IR Performance
• HD Video (720p60)
• On-chip AE and Statistics Engine
• Auto Black Level Calibration
• Context Switching
• Progressive Scan
• Supports 2:1 Scaling
• Internal Master Clock Generated by
On−chip Phase Locked Loop (PLL)
Oscillator
• Parallel Output
Applications
• Gaming Systems
• Video Surveillance
• 720p60 Video Applications
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
PLCC48 11.43 y 11.43
CASE 776AL
ILCC48 10 y 10
CASE 847AB
ILCC48 10 y 10
CASE 847AC


Similar Part No. - AR0130CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0130CS ONSEMI-AR0130CS Datasheet
1Mb / 49P
1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
AR0130CS ONSEMI-AR0130CS Datasheet
445Kb / 40P
1/3‐inch CMOS Digital Image Sensor
January, 2019 - Rev. 15
AR0130CSSC00SPBA0-DP ONSEMI-AR0130CSSC00SPBA0-DP Datasheet
1Mb / 53P
CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0130CSSC00SPBA0-DP1 ONSEMI-AR0130CSSC00SPBA0-DP1 Datasheet
1Mb / 49P
1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
AR0130CSSC00SPBA0-DP1 ONSEMI-AR0130CSSC00SPBA0-DP1 Datasheet
445Kb / 40P
1/3‐inch CMOS Digital Image Sensor
January, 2019 - Rev. 15
More results

Similar Description - AR0130CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0130CS ONSEMI-AR0130CS_16 Datasheet
1Mb / 49P
1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
AR0135CS ONSEMI-AR0135CS Datasheet
230Kb / 27P
1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
July, 2016 ??Rev. 4
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
AR0134CS ONSEMI-AR0134CS Datasheet
259Kb / 29P
1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
March, 2017 ??Rev. 9
AR0141CS ONSEMI-AR0141CS_17 Datasheet
733Kb / 48P
1/4?릋nch Digital Image Sensor
October, 2017 ??Rev. 7
AR0330CM ONSEMI-AR0330CM Datasheet
501Kb / 53P
1/3?릋nch CMOS Digital Image Sensor
March, 2017 ??Rev. 18
MT9F002 ONSEMI-MT9F002_17 Datasheet
661Kb / 61P
1/2.3?릋nch 14 Mp CMOS Digital Image Sensor
September, 2017 ??Rev. 11
MT9M021 ONSEMI-MT9M021_17 Datasheet
242Kb / 23P
1/3?릋nch CMOS Digital Image Sensor
January, 2017 ??Rev. 10
MT9M131 ONSEMI-MT9M131_17 Datasheet
299Kb / 50P
1/3?릋nch SOC 1.3Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 8
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com