Electronic Components Datasheet Search
  English  ▼

X  

AR0130CS Datasheet(PDF) 15 Page - ON Semiconductor

Part # AR0130CS
Description  1/3?릋nch CMOS Digital Image Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CS Datasheet(HTML) 15 Page - ON Semiconductor

Back Button AR0130CS Datasheet HTML 11Page - ON Semiconductor AR0130CS Datasheet HTML 12Page - ON Semiconductor AR0130CS Datasheet HTML 13Page - ON Semiconductor AR0130CS Datasheet HTML 14Page - ON Semiconductor AR0130CS Datasheet HTML 15Page - ON Semiconductor AR0130CS Datasheet HTML 16Page - ON Semiconductor AR0130CS Datasheet HTML 17Page - ON Semiconductor AR0130CS Datasheet HTML 18Page - ON Semiconductor AR0130CS Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
AR0130CS
www.onsemi.com
15
must be within 2 MHz
≤ fEXTCLK / N ≤ 24 Mhz
The user can utilize the Register Wizard tool
accompanying DevWare to generate PLL settings
given a supplied input clock and desired output
frequency.
Spread−Spectrum Clocking
To facilitate improved EMI performance, the external
clock input allows for spread spectrum sources, with no
impact on image quality. Limits of the spread spectrum input
clock are:
• 5% maximum clock modulation
• 35 KHz maximum modulation frequency
• Accepts triangle wave modulation, as well as sine or
modified triangle modulations.
Stream/Standby Control
The sensor supports two standby modes: Hard Standby
and Soft Standby. In both modes, external clock can be
optionally disabled to further minimize power consumption.
If this is done, then the “Power−Up Sequence” on page 44
must be followed.
Soft Standby
Soft Standby is a low power state that is controlled
through register R0x301A[2]. Depending on the value of
R0x301A[4], the sensor will go to standby after completion
of the current frame readout (default behavior) or after the
completion of the current row readout. When the sensor
comes back from Soft Standby, previously written register
settings are still maintained.
A specific sequence needs to be followed to enter and exit
from Soft Standby.
To Enter Soft Standby:
1. R0x301A[12] = 1 if serial mode was used
2. Set R0x301A[2] = 0
3. External clock can be turned off to further
minimize power consumption (Optional)
To Exit Soft Standby:
1. Enable external clock if it was turned off
2. R0x301A[2] = 1
3. R0x301A[12] = 0 if serial mode is used
Figure 13. Enter Standby Timing
E X T C L K
S T AN DB Y
F V
50 E X T C L K s
S DAT A
750 E X T C L K s
Register Writes Valid
Register Writes Not Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com