Electronic Components Datasheet Search
  English  ▼

X  

SP3072EEN Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP3072EEN
Description  15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3072EEN Datasheet(HTML) 1 Page - Sipex Corporation

  SP3072EEN Datasheet HTML 1Page - Sipex Corporation SP3072EEN Datasheet HTML 2Page - Sipex Corporation SP3072EEN Datasheet HTML 3Page - Sipex Corporation SP3072EEN Datasheet HTML 4Page - Sipex Corporation SP3072EEN Datasheet HTML 5Page - Sipex Corporation SP3072EEN Datasheet HTML 6Page - Sipex Corporation SP3072EEN Datasheet HTML 7Page - Sipex Corporation SP3072EEN Datasheet HTML 8Page - Sipex Corporation SP3072EEN Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
Date: 03/28/05
SP3070E - SP3078E Family, ±15kV ESD-Protected, Failsafe RS-485/RS422 Transceivers
© Copyright 2005 Sipex Corporation
SP3070E - SP3078E Family
±15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe
RS-485/RS422 Transceivers
®
DESCRIPTION
FEATURES
■ ±15kV ESD protection for RS485 pins
■ 3.3V low-power operation
■ Advanced Receiver-failsafe protection for
open, shorted or terminated lines
■ Up to 256 Transceivers may share Bus
■ Very low load for 8x greater fanout
■ Hot Swap glitch protection RE and DE
■ Thermal shutdown protects against driver
contention
■ Available in three industry standard foot-
prints
■ SP3070E, 3073 and 3076 in Full-Duplex (14 pin)
■ SP3071E, 3074 and 3077 in Full-Duplex (8 pin)
■ SP3072E, 3075 and 3078 in Half-Duplex (8 pin)
■ Three applications-optimized speed grades
■ SP3070-72E: 250kbps slew-limited
■ SP3073-75E: 500kbps slew-limited
■ SP3076-78E: 16Mbps high speed
■ Small form factor SO-narrow packages
■ Industrial (-40 to +85ºC) and Extended
(-40 to +85ºC) temperature grades
Now Available in Lead Free Packaging
1
2
3
4
5
6
7
8
8 PIN NSOIC
SP3071E
SP3074E
SP3077E
Full Duplex
B
RO
A
DI
GND
Z
Y
VCC
NC
RO
RE
DE
DI
GND
14 Pin NSOIC
SP3070E
SP3073E
SP3076E
Full Duplex
VCC
NC
A
B
Z
Y
1
2
3
4
5
6
14
13
12
11
10
9
NC
GND 7
8
APPLICATIONS
■ Industrial Control, Utility Meters Building Automation, Instrumentation, Point of Sale
The SP3070-3078E differential line transceivers are suitable for bidirectional communication
on balanced multipoint bus transmission lines and comply with both RS485 and RS422 EIA
Standards. Each device consists of a differential driver and differential receiver. All devices
operate from a 3.3V power supply.
High receiver input impedance allows a large number of transceivers to share a common data
bus while maintaining signal margin and without excessive loading or use of expensive
repeaters. The high impedance driver output is maintained over the entire common-mode
voltage range from -7 to +12V. Receivers will failsafe to logic 1 output when inputs are open,
shorted or terminated. Drivers include built-in short-circuit protection and a thermal-overload
shutdown to protect against excessive power dissipation from bus contention or cable faults.
All RS485 inputs are ESD protected up to ±15kV (Air-Gap and Human Body Model) and up
to ±8kV Contact discharge (IEC 1000-4-2).
1
2
3
4
5
6
7
8
8 PIN NSOIC
SP3072E
SP3075E
SP3078E
Half Duplex
B
RO
A
GND
VCC
DE
DI
RE


Similar Part No. - SP3072EEN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3072EEN-L EXAR-SP3072EEN-L Datasheet
731Kb / 20P
짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
SP3072EEN-L/TR EXAR-SP3072EEN-L/TR Datasheet
731Kb / 20P
짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
SP3072EENL EXAR-SP3072EENL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
More results

Similar Description - SP3072EEN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83080E INTERSIL-ISL83080E Datasheet
830Kb / 18P
-15kV ESD Protected, 5V, Full Fail-Safe, Fractional (1/8) Unit Load, RS-485/RS-422 Transceivers
September 12, 2005
ISL83080E INTERSIL-ISL83080E_08 Datasheet
869Kb / 20P
-15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
February 27, 2008
logo
Sipex Corporation
SP3070-3078E SIPEX-SP3070-3078E_08 Datasheet
198Kb / 19P
짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe
logo
Exar Corporation
SP3070E EXAR-SP3070E Datasheet
731Kb / 20P
짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
SP3495E EXAR-SP3495E Datasheet
485Kb / 17P
HIGH SPEED 3.3V RS-485/RS-422 TRANSCEIVERS WITH /-15KV ESD PROTECTION AND ADVANCED FAILSAFE
logo
Maxim Integrated Produc...
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
logo
Intersil Corporation
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
948Kb / 26P
3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
May 27, 2008
logo
Maxim Integrated Produc...
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com