Electronic Components Datasheet Search
  English  ▼

X  

SP3072EEN Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP3072EEN
Description  15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3072EEN Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP3072EEN Datasheet HTML 2Page - Sipex Corporation SP3072EEN Datasheet HTML 3Page - Sipex Corporation SP3072EEN Datasheet HTML 4Page - Sipex Corporation SP3072EEN Datasheet HTML 5Page - Sipex Corporation SP3072EEN Datasheet HTML 6Page - Sipex Corporation SP3072EEN Datasheet HTML 7Page - Sipex Corporation SP3072EEN Datasheet HTML 8Page - Sipex Corporation SP3072EEN Datasheet HTML 9Page - Sipex Corporation SP3072EEN Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Date: 03/28/05
SP3070E - SP3078E Family, ±15kV ESD-Protected, Failsafe RS-485/RS422 Transceivers
© Copyright 2005 Sipex Corporation
6
RECEIVER SWITCHING CHARACTERISTICS
DRIVER SWITCHING CHARACTERISTICS
Unless otherwise noted V
CC = +3.3 ±0.3V, ambient temperature TMIN < TA < TMAX. Typical values are at VCC = 3.3,
ambient temperature T
A = +25ºC.
Unless otherwise noted V
CC = +3.3 ±0.3V, ambient temperature TMIN < TA < TMAX. Typical values are at VCC = 3.3,
ambient temperature T
A = +25ºC.
5
7
0
3
P
S
&
4
7
0
3
P
S
,
3
7
0
3
P
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
g
n
i
h
c
t
i
w
S
r
e
v
i
e
c
e
R
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
r
e
v
i
e
c
e
R
t
H
L
P
R
--
0
0
2s
n
C
L
7
&
6
e
r
u
g
i
F
,
F
p
5
1
=
t
L
H
P
R
--
0
0
2s
n
t
(
w
e
k
S
t
u
p
t
u
O
r
e
v
i
e
c
e
R
H
L
P
D
t
-
L
H
P
D
)t
W
E
K
S
R
--
0
3s
nC
L
7
&
6
e
r
u
g
i
F
,
F
p
5
1
=
e
t
a
R
a
t
a
D
m
u
m
i
x
a
M0
0
5-
-
s
p
b
k
h
g
i
H
t
u
p
t
u
O
o
t
e
l
b
a
n
E
r
e
v
i
e
c
e
Rt
H
Z
R
--
0
5s
n8
e
r
u
g
i
F
w
o
L
t
u
p
t
u
O
o
t
e
l
b
a
n
E
r
e
v
i
e
c
e
Rt
L
Z
R
--
0
5s
n8
e
r
u
g
i
F
w
o
L
m
o
r
f
e
m
i
T
e
l
b
a
s
i
D
r
e
v
i
e
c
e
Rt
Z
L
R
--
0
5s
n8
e
r
u
g
i
F
h
g
i
H
m
o
r
f
e
m
i
T
e
l
b
a
s
i
D
r
e
v
i
e
c
e
Rt
Z
H
R
--
0
5s
n8
e
r
u
g
i
F
o
t
n
w
o
d
t
u
h
S
m
o
r
f
e
l
b
a
n
E
r
e
v
i
e
c
e
R
h
g
i
H
t
u
p
t
u
O
t
)
N
D
H
S
(
H
Z
R
--
0
0
0
4s
n8
e
r
u
g
i
F
o
t
n
w
o
d
t
u
h
S
m
o
r
f
e
l
b
a
n
E
r
e
v
i
e
c
e
R
w
o
L
t
u
p
t
t
u
O
t
)
N
D
H
S
(
L
Z
R
--
0
0
0
4s
n8
e
r
u
g
i
F
n
w
o
d
t
u
h
S
o
t
e
m
i
Tt
N
D
H
S
0
50
0
20
0
6s
n
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
G
N
I
H
C
T
I
W
S
R
E
V
I
R
D
E
5
7
0
3
P
S
&
E
4
7
0
3
P
S
,
E
3
7
0
3
P
S
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
r
e
v
i
r
D
t
H
L
P
D
0
8
1-0
0
8s
n
C
L
R
,
F
p
0
5
=
L
,
Ω
4
5
=
3
&
2
e
r
u
g
i
F
t
L
H
P
D
0
8
1-0
0
8s
n
r
o
e
s
i
R
t
u
p
t
u
O
l
a
i
t
n
e
r
e
f
f
i
D
r
e
v
i
r
D
e
m
i
T
ll
a
F
t
,
R
D
t
F
D
0
0
2-
0
0
8s
n
C
L
R
,
F
p
0
5
=
L
,
Ω
4
5
=
3
&
2
e
r
u
g
i
F
w
e
k
S
t
u
p
t
u
O
l
a
i
t
n
e
r
e
f
f
i
D
r
e
v
i
r
D
t
(
H
L
P
D
t
-
L
H
P
D
)
t
W
E
K
S
D
--
0
0
1s
n
C
L
R
,
F
p
0
5
=
L
,
Ω
4
5
=
3
&
2
e
r
u
g
i
F
e
t
a
R
a
t
a
D0
0
5-
-
s
p
b
k
h
g
i
H
t
u
p
t
u
O
o
t
e
l
b
a
n
E
r
e
v
i
r
Dt
H
Z
D
--
0
0
5
2s
n4
e
r
u
g
i
F
w
o
L
t
u
p
t
u
O
o
t
e
l
b
a
n
E
r
e
v
i
r
Dt
L
Z
D
--
0
0
5
2s
n5
e
r
u
g
i
F
w
o
L
m
o
r
f
e
m
i
T
e
l
b
a
s
i
D
r
e
v
i
r
Dt
Z
L
D
--
0
0
1s
n5
e
r
u
g
i
F
h
g
i
H
m
o
r
f
e
m
i
T
e
l
b
a
s
i
D
r
e
v
i
r
Dt
Z
H
D
--
0
0
1s
n4
e
r
u
g
i
F
o
t
n
w
o
d
t
u
h
S
m
o
r
f
e
l
b
a
n
E
r
e
v
i
r
D
h
g
i
H
t
u
p
t
u
O
t
)
N
D
H
S
(
H
Z
D
--
0
0
5
4s
n4
e
r
u
g
i
F
o
t
n
w
o
d
t
u
h
S
m
o
r
f
e
l
b
a
n
E
r
e
v
i
r
D
w
o
L
t
u
p
t
u
O
t
)
N
D
H
S
(
L
Z
D
--
0
0
5
4s
n5
e
r
u
g
i
F
n
w
o
d
t
u
h
S
o
t
e
m
i
Tt
N
D
H
S
0
50
0
20
0
6s
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com