Electronic Components Datasheet Search
  English  ▼

X  

SODDB3 Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SODDB3
Description  BIDIRECTIONAL TRIGGER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SODDB3 Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SODDB3_17 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SODDB3_17 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SODDB3
BIDIRECTIONAL TRIGGER DIODE
Reverse Voltage - 32 Volts
Power: 150mW
Case: JEDEC SOD-123FL molded plastic body
Terminals: Solderable per MIL-STD-750, Method 2026
Mounting Position: Any
Weight:0.0007 ounce, 0.02gram
Small glass structure ensures high reliability
VBO:28-36V version
Low breakover current
High temperature soldering guaranteed
250 C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND CHARACTERISTICS
VOLTS
VOLTS
VOLTS
VOLTS
µA
µS
µA
mW
SYMBOLS
UNITS
Breakover voltage *
Breakover voltage symmetry
Dynamic breakover voltage *
Output voltage *
Breakover current *
Rise time *
Leakage current *
Power dissipation on printed circuit
Thermal Resistances from Junction to ambient
Thermal Resistances from Junction to lead
Operating junction and storage temperature range
*
:Electrical characteristic appoicaboe in forward and reverse directions.
**
:Connected in parallel with the devices.
Note 1:IBO from IBO to 10mA
C
C/W
Ratings at 25 C ambient temperature unless otherwise specified.
C=22nF **
C=22nF **
(NOTE 1)
DIAGRAM2
C=22nF **
DIAGRAM3
VR=0.5VBO
TA=65 C
tp=20
µs
f=100Hz
Repetitive peak on-state current
TEST
CONDITION
VBO
I+VBOI-I-VBO I
I
∆ V + I
VO
IBO
tr
IB
Pd
RΘJA
RΘJL
TJ,TSTG
ITRM
VALUE
Min.
Typ.
Max.
36
3
100
10
150
400
150
125
32
1.5
28
-3
5
5
-40
A
2
Marking :DB3
SOD-123FL
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
Dimensions in millimeters


Similar Part No. - SODDB3_17

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SODDB3RFG TSC-SODDB3RFG Datasheet
234Kb / 4P
400mW Trigger Diode (DIAC)
SODDB3T TSC-SODDB3T Datasheet
234Kb / 4P
400mW Trigger Diode (DIAC)
More results

Similar Description - SODDB3_17

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Diotech Company.
DB3 DIOTECH-DB3 Datasheet
1Mb / 3P
BIDIRECTIONAL TRIGGER DIODE
DB4 DIOTECH-DB4 Datasheet
1Mb / 3P
BIDIRECTIONAL TRIGGER DIODE
LLDB3 DIOTECH-LLDB3 Datasheet
1Mb / 3P
BIDIRECTIONAL TRIGGER DIODE
logo
Microdiode Semiconducto...
DB3 CHENDA-DB3 Datasheet
591Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SMADB3 CHENDA-SMADB3 Datasheet
550Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SODDB3 CHENDA-SODDB3 Datasheet
557Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
DB3 CHENDA-DB3_17 Datasheet
646Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SMADB3 CHENDA-SMADB3_17 Datasheet
601Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com