Electronic Components Datasheet Search
  English  ▼

X  

SODDB3 Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SODDB3
Description  BIDIRECTIONAL TRIGGER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SODDB3 Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SODDB3_17 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SODDB3_17 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SODDB3
FIG. 1-POWER DISSIPATION VERSUS AMBIENT
TEMPERATURE(MAXIMUM VALUES)
160
140
120
100
80
60
40
20
0
0
10
20
30
40
50
60
70
80
90
100
110
120
130
FIG. 2-PEAK PULSE CURRENT VERSUS PULSE
DURATION (MAXIMUM VALUES)
10
100
1000
10000
2
1
0.1
0.01
FIG. 3-RELATIVE VARIATION OF VBO VERSUS JUNCTION
TEMPERATURE(TYPICAL VALUES)
1.08
1.06
1.04
1.02
1.00
25
50
75
100
125
DIAGRAM 3:TEST CIRCUIT SEE DIAGRAM 2.ADJUST R FOR IP=0.5A
DIAGRAM 2:TEST CIRCUIT OUTPUT VOLTAGE
IBO
IB
0.5VBO
∆V
VBO
10mA
+ IF
- IF
+ V
- V
DIAGRAM 1:CURRENT-VOLTAGE CHARACTERISTICS
220 V
50 Hz
0.1
µF
D.U.T
Vo
R=20
Ω
10 K
Ω
500 K
Ω
90%
10%
IP
tr
Tj( C)
AMBIENT TEMPERATURE, C
tp,PULSE DURATION,
µs
Tj,JUNCTION TEMPERATURE, C
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com