Electronic Components Datasheet Search
  English  ▼

X  

LT1012 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1012
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1012 Datasheet HTML 6Page - Linear Technology LT1012 Datasheet HTML 7Page - Linear Technology LT1012 Datasheet HTML 8Page - Linear Technology LT1012 Datasheet HTML 9Page - Linear Technology LT1012 Datasheet HTML 10Page - Linear Technology LT1012 Datasheet HTML 11Page - Linear Technology LT1012 Datasheet HTML 12Page - Linear Technology LT1012 Datasheet HTML 13Page - Linear Technology LT1012 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1012A/LT1012
sn1012 1012afbs
Common Mode Range and Voltage
Swing at Minimum Supply Voltage
Minimum Supply Voltage,
Voltage Gain at VMIN
Small-Signal Transient Response
Large-Signal Transient Response
Output Short-Circuit Current
vs Time
Slew Rate, Gain Bandwidth
Product vs Overcompensation
Capacitor
Closed-Loop Output Impedance
Small-Signal Transient Response
20
µs/DIV
5
µs/DIV
5
µs/DIV
AV = +1
AV = +1
CLOAD = 100pF
AV = +1
CLOAD = 1000pF
0
5
125
°C
TIME FROM OUTPUT SHORT (MINUTES)
0
–20
–15
–5
15
1
2
–10
20
10
3
–55
°C
25
°C
125
°C
–55
°C
25
°C
LT1012A • TPC19
VS = ±15V
FREQUENCY (Hz)
1
0.001
0.01
0.1
1
10
100
1000
10
100
1
10
LT1012A • TPC21
100
AV = 1000
AV = +1
I0 = 1mA
VS = ±15V
TA = 25°C
TEMPERATURE (
°C)
–50
V–
V– + 0.3
V– + 0.9
V– + 1.2
V+ – 1.2
75
V+
LT1012A • TPC22
V– + 0.6
0
25
125
50
–25
100
V+ – 0.9
V+ – 0.6
V+ – 0.3
CM RANGE
CM RANGE
SWING RL = 2k
SWING RL = 2k
SWING RL = 10k
TEMPERATURE (
°C)
–50
±0.8
±1.8
±1.2
0
50
75
LT1012A • TPC23
±1.4
±1.6
±1.0
0
200k
100k
400k
300k
–25
25
100
125
RL = 10k
RL = 2k
OVERCOMPENSATION CAPACITOR (pF)
0.01
0.1
1
100
1000
10,000
LT1012A • TPC20
0.001
10
1
10
100
1
1000
VS = ±15V
TA = 25°C
GBW
SLEW
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com