Electronic Components Datasheet Search
  English  ▼

X  

LT1012 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1012
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1012 Datasheet HTML 12Page - Linear Technology LT1012 Datasheet HTML 13Page - Linear Technology LT1012 Datasheet HTML 14Page - Linear Technology LT1012 Datasheet HTML 15Page - Linear Technology LT1012 Datasheet HTML 16Page - Linear Technology LT1012 Datasheet HTML 17Page - Linear Technology LT1012 Datasheet HTML 18Page - Linear Technology LT1012 Datasheet HTML 19Page - Linear Technology LT1012 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1012A/LT1012
sn1012 1012afbs
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
LW/TP 1202 1K REV B • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1991
Kelvin-Sensed Platinum Temperature Sensor Amplifier
TYPICAL APPLICATIO
5k*
–15V
20V
2
3
4
–15V
6
7
–
+
LT1012
* = WIRE WOUND RESISTORS
ALL OTHER RESISTORS ARE 1% METAL FILM
TRIM R2 AT 0
°C FOR V0 = 0V
TRIM R3 AT 100
°C FOR V0 = 10V
TRIM R4 AT 50
°C FOR V0 = 5V
IN THE ORDER INDICATED
POSITIVE FEEDBACK (R1) LINEARIZES THE
INHERENT PARABOLIC NONLINEARITY OF
THE PLATINUM SENSOR AND REDUCES
ERRORS FROM 1.2
°C TO 0.004°C OVER
THE – 50
°C TO 150°C RANGE
LT1012A • TA04
R2
100k
10M
10V
REFERENCE
LT1021-10
235k*
392k*
ROSEMOUNT
78S
OR
EQUIVALENT
RS
5k
R1
182k
RF*
654k
6.65M
R3
1k
R4
5k
10k
24.3k
4.75k
200k
619k
100
Ω
AT
0
°C
VOUT = 100mV/°C
–50
°C TO 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com