Electronic Components Datasheet Search
  English  ▼

X  

LM2575-05IKC Datasheet(PDF) 8 Page - Texas Instruments

Part # LM2575-05IKC
Description  1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2575-05IKC Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2575-05IKC Datasheet HTML 4Page - Texas Instruments LM2575-05IKC Datasheet HTML 5Page - Texas Instruments LM2575-05IKC Datasheet HTML 6Page - Texas Instruments LM2575-05IKC Datasheet HTML 7Page - Texas Instruments LM2575-05IKC Datasheet HTML 8Page - Texas Instruments LM2575-05IKC Datasheet HTML 9Page - Texas Instruments LM2575-05IKC Datasheet HTML 10Page - Texas Instruments LM2575-05IKC Datasheet HTML 11Page - Texas Instruments LM2575-05IKC Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.ti.com
Input Capacitor (C
IN)
I
C,RMS
u 1.2(
ton
T
) I
LOAD, where:
ton
T
+
V
OUT
V
IN
{buck regulator}, and
ton
T
+
|V
OUT|
(|V
OUT| ) VIN)
{buck−boost regulator}
Output Capacitor (C
OUT)
Catch Diode
Inductor
LM2575
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
SLVS569D – JANUARY 2005 – REVISED JULY 2005
APPLICATION INFORMATION (continued)
For stability concerns, an input bypass capacitor (electrolytic, CIN ≥ 47 µF) needs to be located as close as
possible to the regulator. For operating temperatures below –25
°C, C
IN may need to be larger in value. In
addition, since most electrolytic capacitors have decreasing capacitances and increasing ESR as temperature
drops, adding a ceramic or solid tantalum capacitor in parallel increases the stability in cold temperatures.
To extend the capacitor operating lifetime, the capacitor RMS ripple current rating should be:
For both loop stability and filtering of ripple voltage, an output capacitor also is required, again in close proximity
to the regulator. For best performance, low-ESR aluminum electrolytics are recommended, although standard
aluminum electrolytics may be adequate for some applications. Based on the following equation:
Output Ripple Voltage = (ESR of COUT) × (inductor ripple current)
Output ripple of 50 mV to 150 mV typically can be achieved with capacitor values of 220
µF to 680 µF. Larger
COUT can reduce the ripple 20 mV to 50 mV peak-to-peak. To improve further on output ripple, paralleling of
standard electrolytic capacitors may be used. Alternatively, higher-grade capacitors such as “high frequency”,
“low inductance”, or “low ESR” can be used.
The following should be taken into account when selecting COUT:
•
At cold temperatures, the ESR of the electrolytic capacitors can rise dramatically (typically 3
× nominal value
at –25
°C). Because solid tantalum capacitors have significantly better ESR specifications at cold
temperatures, they should be used at operating temperature lower than –25
°C. As an alternative, tantalums
also can be paralleled to aluminum electrolytics and should contribute 10% to 20% to the total capacitance.
•
Low ESR for COUT is desirable for low output ripple. However, the ESR should be greater than 0.05 Ω to
avoid the possibility of regulator instability. Hence, a sole tantalum capacitor used for COUT is most
susceptible to this occurrence.
•
The capacitor’s ripple current rating of 52 kHz should be at least 50% higher than the peak-to-peak inductor
ripple current.
As with other external components, the catch diode should be placed close to the output to minimize unwanted
noise. Schottky diodes have fast switching speeds and low forward voltage drops and, thus, offer the best
performance, especially for switching regulators with low output voltages (VOUT < 5 V). If a high-efficiency,
fast-recovery, or ultra-fast-recovery diode is used in place of a Schottky, it should have a soft recovery (versus
abrupt turn-off characteristics) to avoid the chance of causing instability and EMI. Standard 50-/60-Hz diodes,
such as the 1N4001 or 1N5400 series, are NOT suitable.
Proper inductor selection is key to the performance-switching power-supply designs. One important factor to
consider is whether the regulator will be used in continuous (inductor current flows continuously and never drops
to zero) or in discontinuous mode (inductor current goes to zero during the normal switching cycle). Each mode
has distinctively different operating characteristics and, therefore, can affect the regulator performance and
requirements. In many applications, the continuous mode is the preferred mode of operation, since it offers
greater output power with lower peak currents, and also can result in lower output ripple voltage. The advantages
of continuous mode of operation come at the expense of a larger inductor required to keep inductor current
continuous, especially at low output currents and/or high input voltages.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com