Electronic Components Datasheet Search
  English  ▼

X  

LM2575-05IKC Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2575-05IKC
Description  1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2575-05IKC Datasheet(HTML) 3 Page - Texas Instruments

  LM2575-05IKC Datasheet HTML 1Page - Texas Instruments LM2575-05IKC Datasheet HTML 2Page - Texas Instruments LM2575-05IKC Datasheet HTML 3Page - Texas Instruments LM2575-05IKC Datasheet HTML 4Page - Texas Instruments LM2575-05IKC Datasheet HTML 5Page - Texas Instruments LM2575-05IKC Datasheet HTML 6Page - Texas Instruments LM2575-05IKC Datasheet HTML 7Page - Texas Instruments LM2575-05IKC Datasheet HTML 8Page - Texas Instruments LM2575-05IKC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.ti.com
Internal
Regulator
On/Off
_
+
_
+
1.23-V
Band-Gap
Reference
52-kHz
Oscillator
Reset
Thermal
Shutdown
Current
Limit
FEEDBACK
4
CIN
+
VIN
1
Unregulated
DC Input
GND
3
OUTPUT
2
ON/OFF
5
COUT
+
D1
L
O
A
D
VOUT
1-A
Switch
Driver
Fixed-Gain
Error Amp
Comparator
R2
R1
1 kW
3.3 V: R2 = 1.7 kW
5 V: R2 = 3.1 kW
12 V: R2 = 8.84 kW
15 V: R2 = 11.3 kW
ADJ: R1 = Open, R2 = 0
Ω
L1
LM2575-05
7-V to 40-V
Unregulated
DC Input
CIN
100
µF
+
+VIN
1
3
GND
5
ON/OFF
D1
1N5819
OUTPUT
2
L1
330
µH
COUT
330
µF
+
FEEDBACK
4
5-V
Regulated
Output
1-A Load
L2
20
µH
C1
100
µF
+
Optional Output Ripple Filter
LM2575
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
SLVS569D – JANUARY 2005 – REVISED JULY 2005
FUNCTIONAL BLOCK DIAGRAM
A.
Pin numbers are for the KTT (TO-263) package.
A.
Pin numbers are for the KTT (TO-263) package.
Figure 1. Typical Application Circuit (Fixed Version)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com