Electronic Components Datasheet Search
  English  ▼

X  

PE3835LF Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3835LF
Description  SMA Male to SMA Female Bulkhead Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3835LF Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3835LF Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3835LF Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3835LF Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3835LF Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
SMA Female Bulkhead
Specification
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Connection Method
Standard
Standard
Contact Material and Plating
Brass, Gold
Gold
Contact Plating Specification
30µ in. Minimum
Dielectric Type
PTFE
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. Minimum
Hex Size
5/16 in
Torque
5 in-lbs [0.57 Nm]
[ ]
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100µ in. Minimum
.
Environmental Specifications
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
06/18/2012
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3835LF REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Female Bulkhead Cable Using RG316 Coax, RoHS PE3835LF
SMA Male to SMA Female Bulkhead Cable
Using RG316 Coax, RoHS
RF Cable Assemblies - PE3835LF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com