Electronic Components Datasheet Search
  English  ▼

X  

PE3835LF Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3835LF
Description  SMA Male to SMA Female Bulkhead Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3835LF Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3835LF Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3835LF Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3835LF Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3835LF Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMA Female Bulkhead
• Cable Type: RG316
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Capacitance
32 [104.99]
pF/ft [pF/m]
.
Mechanical Specifications
Cable Assembly
Diameter
0.312 in [7.92 mm]
.
Weight
0.025 lbs [11.34 g]
Cable Color
Tan
Connection Type
In-Series
Cable
Cable Type
RG316
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Jacket Material
FEP
Jacket Diameter
0.098 in [2.49 mm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Female Bulkhead Cable Using RG316 Coax, RoHS PE3835LF
PE3835LF REV
SMA Male to SMA Female Bulkhead Cable
Using RG316 Coax, RoHS
RF Cable Assemblies - PE3835LF


Similar Part No. - PE3835LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3835LF-12 PASTERNACK-PE3835LF-12 Datasheet
660Kb / 4P
SMA Male to SMA Female Bulkhead Cable 12 Inch Length
PE3835LF-18 PASTERNACK-PE3835LF-18 Datasheet
660Kb / 4P
SMA Male to SMA Female Bulkhead Cable 18 Inch Length
PE3835LF-24 PASTERNACK-PE3835LF-24 Datasheet
660Kb / 4P
SMA Male to SMA Female Bulkhead Cable 24 Inch Length
PE3835LF-36 PASTERNACK-PE3835LF-36 Datasheet
662Kb / 4P
SMA Male to SMA Female Bulkhead Cable 36 Inch Length
PE3835LF-48 PASTERNACK-PE3835LF-48 Datasheet
662Kb / 4P
SMA Male to SMA Female Bulkhead Cable 48 Inch Length
More results

Similar Description - PE3835LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3973LF PASTERNACK-PE3973LF Datasheet
294Kb / 1P
CABLE ASSEMBLY RG316-DS SMA MALE TO SMA FEMALE BULKHEAD
PE33518 PASTERNACK-PE33518 Datasheet
288Kb / 1P
CABLE ASSEMBLY RG402/U SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD TO SMA FEMALE BULKHEAD
PE9621 PASTERNACK-PE9621 Datasheet
358Kb / 4P
SMA Male to SMA Female Bulkhead Adapter
PE3825LF PASTERNACK-PE3825LF Datasheet
376Kb / 4P
SMA Male to SMA Female Bulkhead Cable RF Cable
PE3835 PASTERNACK-PE3835_15 Datasheet
655Kb / 4P
SMA Male to SMA Female Bulkhead Cable
PE3825 PASTERNACK-PE3825 Datasheet
371Kb / 4P
SMA Male to SMA Female Bulkhead Cable
PE3836LF PASTERNACK-PE3836LF_15 Datasheet
665Kb / 4P
SMA Male Right Angle to SMA Female Bulkhead Cable
PE3956 PASTERNACK-PE3956_17 Datasheet
378Kb / 4P
SMA Male to SMA Female Bulkhead Cable
PE35475 PASTERNACK-PE35475 Datasheet
231Kb / 3P
SMA Male to SMA Female Bulkhead Precision
PE3193-18 PASTERNACK-PE3193-18 Datasheet
374Kb / 4P
SMA Male to N Female Bulkhead Cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com