Electronic Components Datasheet Search
  English  ▼

X  

PA95 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA95
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA95 Datasheet(HTML) 2 Page - Cirrus Logic

  PA95 Datasheet HTML 1Page - Cirrus Logic PA95 Datasheet HTML 2Page - Cirrus Logic PA95 Datasheet HTML 3Page - Cirrus Logic PA95 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
900V
OUTPUT CURRENT, source, sink
200mA, within SOA
POWER DISSIPATION, continuous @ T
C = 25°C
30W
INPUT VOLTAGE, differential
±20V
INPUT VOLTAGE, common mode3
±V
S
TEMPERATURE, pin solder - 10s max
220
°C
TEMPERATURE, junction2
150
°C
TEMPERATURE, storage
–65 to +150
°C
OPERATING TEMPERATURE RANGE, case
–55 to +125
°C
PA95
SPECIFICATIONS
PARAMETER
TEST CONDITIONS 1
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
.5
5
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
15
50
µV/°C
OFFSET VOLTAGE, vs. supply
10
25
µV/V
OFFSET VOLTAGE, vs. time
75
µV/√kh
BIAS CURRENT, initial
200
2000
pA
BIAS CURRENT, vs. supply
4
pA/V
OFFSET CURRENT, initial
50
500
pA
INPUT IMPEDANCE, DC
1011
INPUT CAPACITANCE
4pF
COMMON MODE VOLTAGE RANGE3
Vs=
±250V SEE NOTE 3
±V
S
30
V
COMMON MODE REJECTION, DC
V
CM = ±90V
80
98
dB
NOISE
10KHz BW, R
S = 1KΩ
2
µVrms
GAIN
OPEN LOOP, @ 15Hz
R
L = 5KΩ
94
118
dB
GAIN BANDWIDTH PRODUCT at 1MHz R
L = 5KΩ
10
MHz
POWER BANDWIDTH
R
L = 5KΩ
20
kHz
PHASE MARGIN,Av=10
Full temperature range
60
°
OUTPUT
VOLTAGE SWING
I
O = 100mA
±V
S
24
±V
S
20
V
CURRENT, continuous
100
mA
SLEW RATE, A
V = 100
C
C =4.7pF
30
V/
µs
SETTLING TIME to .1%
2V step
1
µs
RESISTANCE
no load
100
POWER SUPPLY
VOLTAGE5
See note 5
±50
±300
±450
V
CURRENT, quiescent
1.6
2.2
mA
THERMAL
RESISTANCE, AC, junction to case 4
Full temperature range, F > 60Hz
2.5
°C/W
RESISTANCE, DC, junction to case
Full temperature range, F < 60Hz
4.2
°C/W
RESISTANCE, junction to air
Full temperature range
30
°C/W
TEMPERATURE RANGE, case
–25
+85
°C
NOTES: 1.
Unless otherwise noted: T
C = 25°C, DC input specifications are ± value given. Power supply voltage is typical rating. Cc= 4.7pF.
2.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation
to achieve high MTTF.
3.
Although supply voltages can range up to
± 450V the input pins cannot swing over this range. The input pins must be at least
30V from either supply rail but not more than 500V from either supply rail. See text for a more complete description of the
common mode voltage range.
4.
Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
5.
Derate max supply rating .625 V/
°C below 25°C case. No derating needed above 25°C case.
CAUTION
The PA95 is constructed from MOSFET transistors. ESD handling procedures must be observed.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com