Electronic Components Datasheet Search
  English  ▼

X  

PA95 Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA95
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA95 Datasheet(HTML) 3 Page - Cirrus Logic

  PA95 Datasheet HTML 1Page - Cirrus Logic PA95 Datasheet HTML 2Page - Cirrus Logic PA95 Datasheet HTML 3Page - Cirrus Logic PA95 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
TYPICAL PERFORMANCE
GRAPHS
PA95
0
25
50
75
100
125
150
TEMPERATURE, T (
°C)
0
5
15
20
POWER DERATING
10
100
10K
1M
FREQUENCY, F (Hz)
0
100
OUTPUT CURRENT, I (mA)
4
8
16
24
OUTPUT VOLTAGE SWING
12
20
3
10
20
100
CURRENT LIMIT RESISTOR, RCL ( )
10
30
200
CURRENT LIMIT
50
70
550
20
INPUT NOISE
1K
2
7
10
20
3
5
15
O
20
10
30
Ω
60
25
40
120
100
150
T =
25
°C
C
T = –55°C
C
T
=
85
°C
C
80
T = TC
T = TA
SAFE OPERATING AREA
SUPPLY TO OUTPUT DIFFERENTIAL, VS –VO (V)
50
50
5
10
15
25
DC,
T
C =
125
°C
DC,
T
C =
85
°C
200mS
PULSE CURVES @ 10% DUTY CYCLE MAX
DC,
T
C =
25
°C
100mS
100
100
150
200
250
500
1K
1M
2M
3M
4M 5M
FREQUENCY, F (Hz)
-90
-135
-180
-225
-270
-315
-360
PHASE RESPONSE
C = 4.7pF
100K
300K
FREQUENCY, F (Hz)
50
1K
500
POWER RESPONSE
100
10K
C = 4.7pF
C
200
0
200
600
800
1000
TOTAL SUPPLY VOLTAGE, V (V)
1.08
1.04
1.00
.96
.92
.88
QUIESCENT CURRENT
S
400
FREQUENCY, F (Hz)
SMALL SIGNAL RESPONSE
0
60
120
20
40
80
100
100
1K 10K 100K 1M 10M
10
C = 4.7pF
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com