Electronic Components Datasheet Search
  English  ▼

X  

PT5021 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT5021
Description  POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5021 Datasheet(HTML) 1 Page - Texas Instruments

  PT5021 Datasheet HTML 1Page - Texas Instruments PT5021 Datasheet HTML 2Page - Texas Instruments PT5021 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
42
Application Notes
Mechanical Outline
Product Selector Guide
Revised 5/15/98
Ordering Information
PT5021
o = -3.3 Volts
PT5022
o = -5 Volts
PT5023
o = -9 Volts
PT5024
o = -12 Volts
PT5025
o = -15 Volts
PT5026
o = -5.2 Volts
PT5027
o = -8.0 Volts
PT5028
o = -6.5 Volts
PT5029
o = -5.5 Volts
PT5030
o = -6.0 Volts
Pin
Function
1
Vin
2
GND
3
V
out
Standard Application
C2 = Optional ceramic (1-5µF)
C3 = Required Electrolytic (100µF)
PT Series Suffix (PT12345X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole
A
Horizontal Surface Mount
C
• Input Voltage Range:
4.75 to 7 Volts
• Complete Solution With Only
One External Capacitor Required
• Soft Start
The Power Trends’ PT5020 ISRs
convert a positive input voltage (typ +5V)
to a negative output voltage for a wide
range of analog and communication cir-
cuit applications.
The Plus to Minus ISRs use a “Buck-
Boost” topology and are packaged in the
3 pin SIP configuration.
NOTE: Buck-Boost Topology ISRs are not Short-Circuit Protected.
POSITIVE INPUT/NEGATIVE OUTPUT
INTEGRATED SWITCHING REGULATOR
PT5020
Series
VIN
(+)
COM
PT5020
COM
VOUT
(-)
C2
C3
Pin-Out Information
1
2
3
Pkg Style 100
Specifications
Characteristics
PT5020 SERIES
(T
a=25
°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range Vo=-3.3V to 6.5V
0.25*
—
1.0
A
Vo=-9V
0.10*
—
0.60
A
Vo=-12V
0.10*
—
0.50
A
Vo=-15V
0.10*
—
0.30
A
Current Limit
Icl
Vin = 5V
—
1.5 Io max
—A
Inrush Current
Iir
Vin = +5V @ max Io
—
1.0
—
A
tir
On start up
—
1.0
—
mSec
Short Circuit Current
Isc
Vin = 5V
—
2 Io max
—A
Input Voltage Range
Vin
Io = 0.1 to Io max
4.75
—
7**
V
Output Voltage Tolerance
∆Vo
Over Vin Range
Io= Imax
—
±1.5
±3
%V
o
Ta = -20°C to shutdown
Line Regulation
Regline
Over Vin range
—
±0.5
±1
%Vo
Load Regulation
Regload
Imin ≤ Io ≤ Imax
—
±0.5
±1
%Vo
Vo Ripple/Noise
Vn
Vin=5V, Io= Imax
—±2
±5
%Vo
Transient Response
ttr
25% load change
—
500
—
µSec
Vo over/undershoot
—
3.0
5.0
%Vo
Efficiency
η
Vin=5V, Io=0.5 Imax
—75
—
%
Switching Frequency
ƒO
Over Io range
Vo=3.3 to 8V
0.8
1
1.2
MHz
Vo ≥ 8 V
500
650
800
kHz
Absolute Maximum
Ta
—
-20
—
+85
°C
Operating Temperature Range
Recommended Operating
Ta
Free Air Convection, (40-60 LFM)
-20
—
+65***
°C
Temperature Range
Over Vin and Io range
Thermal Resistance
θ
ja
Free Air Convection
—
50
—
°C/W
(40-60LFM)
Storage Temperature
Ts
-40
—
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
1 msec, Half Sine, mounted to a fixture
—
500
—
G’s
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
—5
—
G’s
20-2000 Hz, Soldered in a PC board
Weight
—
4.5
—
grams
* ISR will operate down to no load with reduced specifications.
** For applications with input voltages greater than 7 VDC, use the PT78NR100 Series.
*** See SOA Curves.


Similar Part No. - PT5021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5021 TI-PT5021 Datasheet
141Kb / 6P
POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
PT5021A TI-PT5021A Datasheet
141Kb / 6P
POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
PT5021C TI-PT5021C Datasheet
141Kb / 6P
POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
PT5021J TI-PT5021J Datasheet
141Kb / 6P
POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
PT5021L TI-PT5021L Datasheet
141Kb / 6P
POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT5021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5020 TI-PT5020 Datasheet
141Kb / 6P
POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
PT6933 TI-PT6933 Datasheet
169Kb / 7P
8-A 5V-Input Dual-Output Integrated Switching Regulator
logo
National Semiconductor ...
LH7001 NSC-LH7001 Datasheet
358Kb / 10P
POSITIVE / NEGATIVE ADJUSTABLE REGULATOR
logo
MORNSUN Science& Techno...
K7803-500 MORNSUN-K7803-500 Datasheet
118Kb / 3P
SINGLE POSITIVE/NEGATIVE OUTPUT
K7803-1000 MORNSUN-K7803-1000 Datasheet
109Kb / 3P
SINGLE POSITIVE /NEGATIVE OUTPUT
logo
HuaXinAn Electronics CO...
AP1156ADSXX HUAXINAN-AP1156ADSXX Datasheet
792Kb / 24P
Negative Input / Output Voltage LDO Regulator
logo
Texas Instruments
PT78NR100 TI1-PT78NR100_15 Datasheet
206Kb / 5P
Negative output from positive input
PT78NR200 TI1-PT78NR200_09 Datasheet
439Kb / 2P
Negative output from positive input
logo
Asahi Kasei Microsystem...
AP1156ADSXX AKM-AP1156ADSXX Datasheet
780Kb / 25P
Negative Input / Output Voltage LDO Regulator
AP1156ADS15 AKM-AP1156ADS15 Datasheet
780Kb / 25P
Negative Input / Output Voltage LDO Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com