Electronic Components Datasheet Search
  English  ▼

X  

PT5021 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT5021
Description  POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5021 Datasheet(HTML) 2 Page - Texas Instruments

  PT5021 Datasheet HTML 1Page - Texas Instruments PT5021 Datasheet HTML 2Page - Texas Instruments PT5021 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://
www.powertrends.com
43
CHARACTERISTIC
DA T A
PT5022 (-5VDC)
(See Note 1)
Efficiency vs Output Current
Ripple Voltage vs Output Current
Power Dissipation vs Output Current
Note 1:
All data listed in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
PT5024 (-12VDC)
(See Note 1)
Efficiency vs Output Current
Ripple Voltage vs Output Current
Power Dissipation vs Output Current
Safe Operating Area (VIN=5V)
Safe Operating Area (VIN=5V)
CHARACTERISTIC
DA T A
PT5020
Series
Iout-(Amps)
Iout-(Amps)
40
50
60
70
80
90
100
0
0 .1
0 .2
0 .3
0 .4
0 .5
7.0V
6.5V
6.0V
5.5V
5.0V
4.7 5V
Vin
Iout-(Amps)
Iout-(Amps)
Maximum Output Ciurrent - (Amps)
Maximum Output Ciurrent - (Amps)
Iout-(Amps)
Iout-(Amps)
0
0.5
1
1.5
2
0
0.1
0.2
0.3
0.4
0.5
4.75V
5.0V
5.5V
6.0V
6.5V
7.0V
Vin
0
20
40
60
80
10 0
12 0
14 0
16 0
0
0.1
0.2
0.3
0.4
0.5
4.75 V
5.0V
5.5V
6.0V
6.5V
7.0V
Vin
40
50
60
70
80
90
100
0
0 .2
0 .4
0 .6
0 .8
1
7.0V
6.5V
6.0V
5.5V
5.0V
4.75 V
Vin
0
0.5
1
1.5
2
2.5
0
0.2
0.4
0.6
0.8
1
4.75 V
5.0V
5.5V
6.0V
6.5V
7.0V
Vin
0
20
40
60
80
10 0
0
0 .2
0 .4
0 .6
0 .8
1
4.7 5 V
5.0 V
5.5 V
6.0 V
6.5 V
7.0 V
Vin
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
0 LFM
60 LFM
90 LFM
Airflow
20
30
40
50
60
70
80
90
0.0
0 .1
0.2
0 .3
0.4
0 .5
90 LFM
60 LFM
0 LFM
Airflow



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com