Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509A Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5509A
Description  TMS320VC5509A Fixed-Point Digital Signal Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509A Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320VC5509A Datasheet HTML 35Page - Texas Instruments TMS320VC5509A Datasheet HTML 36Page - Texas Instruments TMS320VC5509A Datasheet HTML 37Page - Texas Instruments TMS320VC5509A Datasheet HTML 38Page - Texas Instruments TMS320VC5509A Datasheet HTML 39Page - Texas Instruments TMS320VC5509A Datasheet HTML 40Page - Texas Instruments TMS320VC5509A Datasheet HTML 41Page - Texas Instruments TMS320VC5509A Datasheet HTML 42Page - Texas Instruments TMS320VC5509A Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 144 page
background image
Functional Overview
39
November 2002 − Revised January 2005
SPRS205D
Table 3−4. Synchronization Control Function (Continued)
SYNC FIELD IN
DMA_CCR
SYNCHRONIZATION MODE
01010b
McBSP2/MMC−SD2 Transmit Event
Serial Port 2 Mode:
00 = McBSP2 Transmit Event (XEVT2)
01 = MMC/SD2 Transmit Event (XMMCEVT2)
10 = Reserved
11 = Reserved
01011b
Reserved. These bits should always be written with 0.
01100b
Reserved. These bits should always be written with 0.
01101b
Timer 0 Interrupt Event
01110b
Timer 1 Interrupt Event
01111b
External Interrupt 0
10000b
External Interrupt 1
10001b
External Interrupt 2
10010b
External Interrupt 3
10011b
External Interrupt 4 / I2C Receive Event (REVTI2C)†
10100b
I2C Transmit Event (XEVTI2C)
Other values
Reserved (Do not use these values)
† The I2C receive event (REVTI2C) and external interrupt 4 (INT4) share a synchronization input to the DMA. When the SYNC field of the
DMA_CCR is set to 10011b, the logical OR of these two sources is used for DMA synchronization.
3.4
I2C Interface
The TMS320VC5509A includes an I2C serial port. The I2C port supports:
•
Compatible with Philips I2C Specification Revision 2.1 (January 2000)
•
Operates at 100 Kbps or 400 Kbps
•
7-bit addressing mode
•
Master (transmit/receive) and slave (transmit/receive) modes of operation
•
Events: DMA, interrupt, or polling
The I2C module clock must be in the range from 7 MHz to 12 MHz. This is necessary for proper operation of
the I2C module. With the I2C module clock in this range, the noise filters on the SDA and SCL pins suppress
noise that has a duration of 50 ns or shorter. The I2C module clock is derived from the DSP clock divided by
a programmable prescaler.
NOTE:
I/O buffers are not fail-safe. The SDA and SCL pins could potentially draw current if the
device is powered down and SDA and SCL are driven by other devices connected to the I2C bus.
3.5
Configurable External Buses
The 5509A offers several combinations of configurations for its external parallel port and two serial ports. This
allows the system designer to choose the appropriate media interface for its application without the need of
a large-pin-count package. The External Bus Selection Register controls the routing of the parallel and serial
port signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com