Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509A Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5509A
Description  TMS320VC5509A Fixed-Point Digital Signal Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509A Datasheet(HTML) 67 Page - Texas Instruments

Back Button TMS320VC5509A Datasheet HTML 63Page - Texas Instruments TMS320VC5509A Datasheet HTML 64Page - Texas Instruments TMS320VC5509A Datasheet HTML 65Page - Texas Instruments TMS320VC5509A Datasheet HTML 66Page - Texas Instruments TMS320VC5509A Datasheet HTML 67Page - Texas Instruments TMS320VC5509A Datasheet HTML 68Page - Texas Instruments TMS320VC5509A Datasheet HTML 69Page - Texas Instruments TMS320VC5509A Datasheet HTML 70Page - Texas Instruments TMS320VC5509A Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 144 page
background image
Functional Overview
67
November 2002 − Revised January 2005
SPRS205D
Table 3−31. GPIO
WORD
ADDRESS
REGISTER
NAME
PIN
DESCRIPTION
RESET VALUE†
0x3400
IODIR[7:0]
GPIO[7:0]
General-purpose I/O Direction Register
0000 0000 0000 0000
0x3401
IODATA[7:0]
GPIO[7:0]
General-purpose I/O Data Register
0000 0000 xxxx xxxx
0x4400
AGPIOEN[15:0]
A[15:0]
Address/GPIO Enable Register
0000 0000 0000 0000
0x4401
AGPIODIR[15:0]
A[15:0]
Address/GPIO Direction Register
0000 0000 0000 0000
0x4402
AGPIODATA[15:0]
A[15:0]
Address/GPIO Data Register
xxxx xxxx xxxx xxxx
0x4403
EHPIGPIOEN[5:0]
GPIO[13:8]
EHPI/GPIO Enable Register
0000 0000 0000 0000
0x4404
EHPIGPIODIR[5:0]
GPIO[13:8]
EHPI/GPIO Direction Register
0000 0000 0000 0000
0x4405
EHPIGPIODATA[5:0]
GPIO[13:8]
EHPI/GPIO Data Register
0000 0000 00xx xxxx
† Hardware reset; x denotes a “don’t care.”
Table 3−32. Device Revision ID
WORD ADDRESS
REGISTER NAME
DESCRIPTION
VALUE‡
0x3803
Rev ID[4:1]
Silicon Revision Identification
Rev. 1.0: xxxx xxxx xxx0 000x
Rev. 1.1: xxxx xxxx xxx0 001x
‡ x denotes a “don’t care.”
Table 3−33. I2C Module Registers
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE†
0x3C00
I2COAR[9:0]§
I2C Own Address Register
0000 0000 0000 0000
0x3C01
I2CIMR
I2C Interrupt Mask Register
0000 0000 0000 0000
0x3C02
I2CSTR
I2C Status Register
0000 0001 0000 0000
0x3C03
I2CCLKL[15:0]
I2C Clock Divider Low Register
0000 0000 0000 0000
0x3C04
I2CCLKH[15:0]
I2C Clock Divider High Register
0000 0000 0000 0000
0x3C05
I2CCNT[15:0]
I2C Data Count
0000 0000 0000 0000
0x3C06
I2CDRR[7:0]
I2C Data Receive Register
0000 0000 0000 0000
0x3C07
I2CSAR[9:0]
I2C Slave Address Register
0000 0011 1111 1111
0x3C08
I2CDXR[7:0]
I2C Data Transmit Register
0000 0000 0000 0000
0x3C09
I2CMDR[14:0]
I2C Mode Register
0000 0000 0000 0000
0x3C0A
I2CIVR
I2C Interrupt Vector Register
0000 0000 0000 0000
0x3C0B
−
Reserved
0x3C0C
I2CPSC
I2C Prescaler Register
0000 0000 0000 0000
0x3C0D
−
Reserved
0x3C0E
−
Reserved
0x3C0F
I2CMDR2
I2C Mode Register 2
0000 0000 0000 0000
−
I2CRSR
I2C Receive Shift Register (not accessible to the CPU)
−
I2CXSR
I2C Transmit Shift Register (not accessible to the CPU)
† Hardware reset; x denotes a “don’t care.”
§ Specifies a unique 5509A I2C address. This register must be set by the programmer. When this device is used in conjunction with another I2C
master device, the register must be programmed to the I2C slave address (01011xx) allocated by Philips Semiconductor for the 5509A. The
two LSBs are programmable address bits.
NOTE: I2C protocol compatible, no fail-safe buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com