Electronic Components Datasheet Search
  English  ▼

X  

UBA2014P Datasheet(PDF) 7 Page - NXP Semiconductors

Part # UBA2014P
Description  600 V driver IC for HF fluorescent lamps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2014P Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button UBA2014P Datasheet HTML 3Page - NXP Semiconductors UBA2014P Datasheet HTML 4Page - NXP Semiconductors UBA2014P Datasheet HTML 5Page - NXP Semiconductors UBA2014P Datasheet HTML 6Page - NXP Semiconductors UBA2014P Datasheet HTML 7Page - NXP Semiconductors UBA2014P Datasheet HTML 8Page - NXP Semiconductors UBA2014P Datasheet HTML 9Page - NXP Semiconductors UBA2014P Datasheet HTML 10Page - NXP Semiconductors UBA2014P Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2002 May 16
7
Philips Semiconductors
Product specification
600 V driver IC for HF fluorescent lamps
UBA2014
Lamp failure mode
DURING IGNITION STATE
If the lamp does not ignite, the voltage level increases.
When the lamp voltage exceeds the Vlamp(max) level, the
voltage will be regulated at the Vlamp(max) level; see Fig.6.
At crossing the Vlamp(fail) level the ignition timer was
already started. If the voltage at pin LVS is above the
Vlamp(fail) level at the end of the ignition time the circuit
stops oscillating and is forced in a Power-down mode. The
circuit will be reset only when the supply voltage is
powered-down.
DURING BURN STATE
If the lamp fails during normal operation, the voltage
across the lamp will increase and the lamp voltage will
exceed the Vlamp(fail) level; see Fig.7. At that moment the
ignition timer is started. If the lamp voltage increases
further it will reach the Vlamp(max) level. This forces the
circuit to re-enter the ignition state and results in an
attempt to re-ignite the lamp. If during restart the lamp still
fails, the voltage remains high until the end of the ignition
time. At the end of the ignition time the circuit stops
oscillating and the circuit will enter in the Power-down
mode.
Power-down state
The Power-down state will be entered if, at the end of the
ignition time, the voltage at pin LVS is above Vlamp(fail).
In the Power-down mode the oscillator will be stopped and
both TR1 and TR2 will be non-conductive. The VDD supply
is internally clamped. The circuit is released from the
Power-down state by lowering the low voltage supply
below VDD(reset).
Capacitive mode protection
The signal across R16 also gives information about the
switching behaviour of the half bridge.
If, after the preheat state, the voltage across the ACM
resistor (R16) does not exceed the VCMD level during the
non-overlap time, the Capacitive Mode Detection circuit
(CMD) assumes that the circuit is in the capacitive mode
of operation. As a consequence the frequency will directly
be increased to fmax. The frequency behaviour is
decoupled from the voltage at pin CSW until CCSW has
been discharged to zero.
Charge coupling
Due to parasitic capacitive coupling to the high voltage
circuitry all pins are burdened with a repetitive charge
injection. Given the typical application the pins IREF and
CF are sensitive to this charge injection. For charge
coupling of
±8 pC, a safe functional operation of the IC is
guaranteed, independent of the current level.
Charge coupling at current levels below 50
µA will not
interfere with the accuracy of the VCS, VPCS and VACM
levels.
Charge coupling at current levels below 20
µA will not
interfere with the accuracy of any parameter.
Design equations
The following design equations are used to calculate the
desired preheat time, the maximum ignition time, and the
minimum and the maximum switching frequency.
tph = 1.7 × 10−4 × CCT × RIREF (s)
tign = 3.1 × 10−5 × CCT × RIREF (s)
in kHz
fmax = 2.5 × fmin (kHz)
with CCT in nF, RIREF in kΩ, and CCF in pF. Start of ignition
is defined as the moment at which the measured lamp
voltage crosses the Vlamp(fail) level; see Section “Lamp
failure mode”.
f
min
125
10
3
×
C
CF
R
IREF
×
()
-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com