Electronic Components Datasheet Search
  English  ▼

X  

UBA2014P Datasheet(PDF) 11 Page - NXP Semiconductors

Part # UBA2014P
Description  600 V driver IC for HF fluorescent lamps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2014P Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button UBA2014P Datasheet HTML 7Page - NXP Semiconductors UBA2014P Datasheet HTML 8Page - NXP Semiconductors UBA2014P Datasheet HTML 9Page - NXP Semiconductors UBA2014P Datasheet HTML 10Page - NXP Semiconductors UBA2014P Datasheet HTML 11Page - NXP Semiconductors UBA2014P Datasheet HTML 12Page - NXP Semiconductors UBA2014P Datasheet HTML 13Page - NXP Semiconductors UBA2014P Datasheet HTML 14Page - NXP Semiconductors UBA2014P Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2002 May 16
11
Philips Semiconductors
Product specification
600 V driver IC for HF fluorescent lamps
UBA2014
CHARACTERISTICS
All voltages referenced to GND; VDD = 13 V; VFVDD − VSH = 13 V; Tamb =25 °C; unless otherwise specified; see
Chapter “Application information”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
High-voltage supply
Ileak
leakage current on high-voltage
pins
voltage at pins FVDD, GH
and SH = 600 V
−−
30
µA
Start-up state
VDD
supply voltage for defined driver
output
TR1 = off; TR2 = off
−−
6V
VDD(start)
oscillator start voltage
12.4
13.0
13.6
V
VDD(low)
oscillator stop voltage
8.6
9.1
9.6
V
VDD(hys)
start-stop hysteresis
3.5
3.9
4.4
V
IDD(start)
start-up current
VDD <VDD(start)
−
170
200
µA
VDD(clamp)
clamp voltage
Power-down mode
10
11
12
V
Ipd
power-down current
VDD =9V
−
170
200
µA
VDD(reset)
reset voltage
TR1 = off; TR2 = off
4.5
5.5
7.0
V
IDD
operating supply current
fbridge = 40 kHz without gate
drive
−
1.5
2.2
mA
Reference voltage
VVref
reference voltage
IL =10 µA
2.86
2.95
3.04
V
Isource(Vref)
source current capability
1
−−
mA
Isink(Vref)
sink current capability
1
−−
mA
ZVref
output impedance
IL = 1 mA source
−
3.0
−Ω
∆VVref/∆T
temperature coefficient
IL =10 µA;
Tamb = 25 to 150 °C
−−0.64
−
%/K
Current supply
VIREF
voltage at pin IREF
−
2.5
−
V
IIREF
reference current range
65
−
95
µA
Voltage controlled oscillator
VCSW
control voltage
2.7
3.0
3.3
V
Vclamp
clamp voltage
burn state
2.8
3.1
3.4
V
ICF(start)
output oscillator start current
VCF = 1.5 V
3.8
4.5
5.2
µA
tstart
first output oscillator stroke time
−
50
−µs
ICF(min)
minimum output oscillator current
VCF = 1.5 V
−
21
−µA
ICF(max)
maximum output oscillator current
VCF = 1.5 V
−
54
−µA
fmax
maximum bridge frequency
90
100
110
kHz
fmin
minimum bridge frequency
38.9
40.5
42.1
kHz
∆f
stab
frequency stability
Tamb = −20 to +80 °C
−
1.3
−
%
VCF(high)
high level output oscillator voltage
f = fmin
−
2.5
−
V
tnc(min)
minimum non-overlap time
GH to GL
0.68
0.90
1.13
µs
GL to GH
0.75
1.00
1.25
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com