Electronic Components Datasheet Search
  English  ▼

X  

AD7634 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7634
Description  18-Bit, 670 kSPS, Differential Programmable Input PulSAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7634 Datasheet(HTML) 1 Page - Analog Devices

  AD7634 Datasheet HTML 1Page - Analog Devices AD7634 Datasheet HTML 2Page - Analog Devices AD7634 Datasheet HTML 3Page - Analog Devices AD7634 Datasheet HTML 4Page - Analog Devices AD7634 Datasheet HTML 5Page - Analog Devices AD7634 Datasheet HTML 6Page - Analog Devices AD7634 Datasheet HTML 7Page - Analog Devices AD7634 Datasheet HTML 8Page - Analog Devices AD7634 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
18-Bit, 670 kSPS, Differential
Programmable Input PulSAR® ADC
Data Sheet
AD7634
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Multiple pins/software-programmable input ranges
5 V (10 V p-p), +10 V (20 V p-p), ±5 V (20 V p-p),
±10 V (40 V p-p)
Pins or serial SPI®-compatible input ranges/mode selection
Throughput
670 kSPS (warp mode)
570 kSPS (normal mode)
450 kSPS (impulse mode)
INL: ±1.5 LSB typical, ±2.5 LSB maximum (±9.5 ppm of FSR)
18-bit resolution with no missing codes
Dynamic range: 102.5 dB
SNR: 101 dB @ 2 kHz
THD: −112 dB @ 2kHz
iCMOS® process technology
5 V internal reference: typical drift 3 ppm/°C; TEMP output
No pipeline delay (SAR architecture)
Parallel (18-/16-/8-bit bus) and serial 5 V/3.3 V interface
SPI-/QSPI™-/MICROWIRE™-/DSP-compatible
Power dissipation
180 mW @ 670 kSPS, warp mode
28 mW @ 100 kSPS, impulse mode
10 mW @ 1 kSPS, impulse mode
Pb-free, 48-lead LQFP and 48-Lead LFCSP (7 mm × 7 mm)
APPLICATIONS
CT scanners
High dynamic data acquisition
Σ-Δ replacement
Spectrum analysis
Medical instruments
Instrumentation
Process controls
GENERAL DESCRIPTION
The AD7634 is an 18-bit charge redistribution successive
approximation register (SAR), architecture analog-to-
digital converter (ADC) fabricated on Analog Devices, Inc.’s
iCMOS high voltage process. The device is configured through
hardware or via a dedicated write-only serial configuration port
for input range and operating mode. The AD7634 contains a
high speed 18-bit sampling ADC, an internal conversion clock,
an internal reference (and buffer), error correction circuits, and
both serial and parallel system interface ports. A falling edge on
CNVST samples the fully differential analog inputs on IN+ and
IN−. The AD7634 features four different analog input ranges and
three different sampling modes. Operation is specified from
−40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
18
CONTROL LOGIC AND
CALIBRATION CIRCUITRY
CLOCK
AD7634
DGND
DVDD
AVDD
AGND
REF REFGND
IN+
PD
RESET
CNVST
PDBUF
REFBUFIN
PDREF
REF
TEMP
D[17:0]
BUSY
RD
CS
D0/OB/2C
OGND
OVDD
D2/A1
D1/A0
REF
AMP
SERIAL DATA
PORT
PARALLEL
INTERFACE
SWITCHED
CAP DAC
VCC VEE
WARP IMPULSE BIPOLAR TEN
SERIAL
CONFIGURATION
PORT
IN–
MODE0
MODE1
Figure 1.
Table 1. 48-Lead PulSAR Selection
Input Type
Res
(Bits)
100 to
250
(kSPS)
500 to
570
(kSPS)
570 to
1000
(kSPS)
>1000
(kSPS)
Bipolar
14
AD7951
Differential
Bipolar
14
AD7952
Unipolar
16
AD7651
AD7660
AD7661
AD7650
AD7652
AD7664
AD7666
AD7653
AD7667
Bipolar
16
AD7610
AD7663
AD7665
AD7612
AD7671
Differential
Unipolar
16
AD7675
AD7676
AD7677
AD7621
AD7622
AD7623
Simultaneous/
Multichannel
Unipolar
16
AD7654
AD7655
Differential
Unipolar
18
AD7678
AD7679
AD7674
AD7641
AD7643
Differential
Bipolar
18
AD7631
AD7634


Similar Part No. - AD7634

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7634 AD-AD7634 Datasheet
333Kb / 14P
18-Bit 250/670 kSPS PulSAR Bipolar Programmable Inputs ADC
AD7634 AD-AD7634 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7634 AD-AD7634 Datasheet
810Kb / 28P
16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
REV. 0
AD7634 AD-AD7634 Datasheet
601Kb / 32P
18-Bit, 670 kSPS, Differential Programmable Input PulSAR
REV. B
AD7634BSTZ AD-AD7634BSTZ Datasheet
601Kb / 32P
18-Bit, 670 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. B
More results

Similar Description - AD7634

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7612 AD-AD7612 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7610 AD-AD7610 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7631 AD-AD7631 Datasheet
333Kb / 14P
18-Bit 250/670 kSPS PulSAR Bipolar Programmable Inputs ADC
AD7634BSTZ AD-AD7634BSTZ Datasheet
601Kb / 32P
18-Bit, 670 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. B
AD7631BSTZ AD-AD7631BSTZ Datasheet
681Kb / 32P
18-Bit, 250 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. A
AD7631 AD-AD7631_15 Datasheet
587Kb / 32P
18-Bit, 250 kSPS, Differential Programmable Input PulSAR
REV. B
AD7634 AD-AD7634_15 Datasheet
601Kb / 32P
18-Bit, 670 kSPS, Differential Programmable Input PulSAR
REV. B
AD7612 AD-AD7612_17 Datasheet
582Kb / 33P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
AD7631 AD-AD7631_17 Datasheet
664Kb / 33P
18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
23-Feb-2017
AD7610 AD-AD7610_17 Datasheet
684Kb / 33P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com