Electronic Components Datasheet Search
  English  ▼

X  

AD7634 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7634
Description  18-Bit, 670 kSPS, Differential Programmable Input PulSAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7634 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7634 Datasheet HTML 6Page - Analog Devices AD7634 Datasheet HTML 7Page - Analog Devices AD7634 Datasheet HTML 8Page - Analog Devices AD7634 Datasheet HTML 9Page - Analog Devices AD7634 Datasheet HTML 10Page - Analog Devices AD7634 Datasheet HTML 11Page - Analog Devices AD7634 Datasheet HTML 12Page - Analog Devices AD7634 Datasheet HTML 13Page - Analog Devices AD7634 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Data Sheet
AD7634
Rev. B | Page 9 of 32
Pin No.
Mnemonic
Type1
Description
8
D1/A0
DI/O
When MODE[1:0] = 0, this pin is Bit 1 of the parallel port data output bus. In all other modes, this
input pin controls the form in which data is output as shown in Table 7.
9
D2/A1
DI/O
When MODE[1:0] = 0, this pin is Bit 2 of the parallel port data output bus.
When MODE[1:0] = 1 or 2, this input pin controls the form in which data is output as shown in Table 7.
10
D3
DO
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 3 of the parallel port data output bus.
This pin is always an output, regardless of the interface mode.
11, 12
D[4:5] or
DI/O
When MODE[1:0] = 0, 1, or 2, these pins are Bit 4 and Bit 5 of the parallel port data output bus.
DIVSCLK[0:1]
When MODE[1:0] = 3, serial data clock division selection. When using serial master read after convert
mode (EXT/INT = low, RDC/SDIN = low), these inputs can be used to slow down the internally
generated serial clock that clocks the data output. In other serial modes, these pins are high
impedance outputs.
13
D6 or
DO/I
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 6 of the parallel port data output bus.
EXT/INT
When MODE[1:0] = 3, Serial Data Clock Source Select. In serial mode, this input is used to select
the internally generated (master) or external (slave) serial data clock for the AD7634 output data.
When EXT/INT = low (master mode), the internal serial data clock is selected on SDCLK output.
When EXT/INT = high (slave mode), the output data is synchronized to an external clock signal (gated by CS)
connected to the SDCLK input.
14
D7 or
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 7 of the parallel port data output bus.
INVSYNC
When MODE[1:0] = 3, Serial Data Invert Sync Select. In serial master mode (MODE[1:0] = 3,
EXT/INT = low), this input is used to select the active state of the SYNC signal.
When INVSYNC = low, SYNC is active high.
When INVSYNC = high, SYNC is active low.
15
D8 or
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 8 of the parallel port data output bus.
INVSCLK
When MODE[1:0] = 3, Invert SDCLK/SCCLK Select. This input is used to invert both SDCLK and SCCLK.
When INVSCLK = low, the rising edge of SDCLK/SCCLK are used.
When INVSCLK = high, the falling edge of SDCLK/SCCLK are used.
16
D9 or
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 9 of the parallel port data output bus.
RDC or
When MODE[1:0] = 3, Serial Data Read During Convert. In serial master mode (MODE[1:0] = 3,
EXT/INT = low), RDC is used to select the read mode. See the Master Serial Interface section.
When RDC = low, the current result is read after conversion. Note the maximum throughput is not
attainable in this mode.
When RDC = high, the previous conversion result is read during the current conversion.
SDIN
When MODE[1:0] = 3, Serial Data In. In serial slave mode (MODE[1:0] = 3, EXT/INT = high), SDIN can be
used as a data input to daisy-chain the conversion results from two or more ADCs onto a single SDOUT
line. The digital data level on SDIN is output on SDOUT with a delay of 16 SDCLK periods after the initiation
of the read sequence.
17
OGND
P
Input/Output Interface Digital Power Ground. Ground reference point for digital outputs. Should be
connected to the system digital ground ideally at the same potential as AGND and DGND.
18
OVDD
P
Input/Output Interface Digital Power. Nominally at the same supply as the supply of the host interface
2.5 V, 3 V, or 5 V and decoupled with 10 μF and 100 nF capacitors.
19
DVDD
P
Digital Power. Nominally at 4.75 V to 5.25 V and decoupled with 10 μF and 100 nF capacitors. Can be
supplied from AVDD.
20
DGND
P
Digital Power Ground. Ground reference point for digital outputs. Should be connected to system
digital ground ideally at the same potential as AGND and OGND.
21
D10 or
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 10 of the parallel port data output bus.
SDOUT
When MODE[1:0] = 3, Serial Data Output. In all serial modes, this pin is used as the serial data output
synchronized to SDCLK. Conversion results are stored in an on-chip register. The AD7634 provides the
conversion result, MSB first, from its internal shift register. The data format is determined by the logic
level of OB/2C.
When EXT/INT = low (master mode), SDOUT is valid on both edges of SDCLK.
When EXT/INT = high (slave mode):
When INVSCLK = low, SDOUT is updated on SDCLK rising edge.
When INVSCLK = high, SDOUT is updated on SDCLK falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com