Electronic Components Datasheet Search
  English  ▼

X  

AD7767 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7767
Description  128 kSPS/64 kSPS/32 kSPS ADCs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7767 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7767 Datasheet HTML 15Page - Analog Devices AD7767 Datasheet HTML 16Page - Analog Devices AD7767 Datasheet HTML 17Page - Analog Devices AD7767 Datasheet HTML 18Page - Analog Devices AD7767 Datasheet HTML 19Page - Analog Devices AD7767 Datasheet HTML 20Page - Analog Devices AD7767 Datasheet HTML 21Page - Analog Devices AD7767 Datasheet HTML 22Page - Analog Devices AD7767 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AD7767
Rev. C | Page 18 of
24
DAISY CHAINING
Daisy chaining devices allows numerous devices to use the same
digital interface lines by cascading the outputs of multiple ADCs
on a single data line. This feature is especially useful for reduc-
ing component count and wiring connections, for example, in
isolated multiconverter applications or for systems with a limited
interfacing capacity. Data readback is analogous to clocking a
shift register where data is clocked on the falling edge of SCLK.
The block diagram in Figure 36 shows how devices must be
connected to achieve daisy-chain functionality. The scheme
shown operates by passing the output data of the SDO pin of an
AD7767 device to the SDI input of the next AD7767 device in
the chain. The data then continues through the chain until it is
clocked onto the SDO pin of the first device in the chain.
READING DATA IN DAISY-CHAIN MODE
An example of a daisy chain of four AD7767 devices is shown in
Figure 36 and Figure 37. In the case illustrated in Figure 36, the
output of the AD7767 labeled A is the output of the full daisy
chain. The last device in the chain (the AD7767 labeled D) has
its serial data input (SDI) pin connected to ground. All the
devices in the chain must use common MCLK, SCLK, CS, and
SYNC/PD signals.
To enable the daisy-chain conversion process, apply a common
SYNC/PD pulse to all devices, synchronizing all the devices in
the chain (see the
section).
Power-Down, Reset, and Synchronization
After applying a SYNC/PD pulse to all the devices, there is a
delay (as listed in
) before valid conversion data appears
at the output of the chain of devices. As shown in
, the
first conversion result is output from the AD7767 device labeled
A. This 24-bit conversion result is followed by the conversion
results from the devices labeled B, C, and D, respectively, with
all conversion results output in an MSB-first sequence. The
stream of conversion results is clocked through each device in
the chain and is eventually clocked onto the SDO pin of the
AD7767 device labeled A. The conversion results of all the
devices in the chain must be clocked onto the SDO pin of the
final device in the chain while its
Table 7
Figure 37
DRDY signal is active low.
This is illustrated in the examples shown (
and
),
where the conversion results from the devices labeled A, B, C,
and D are clocked onto SDO (A) during the time between the
falling edge of
Figure 37
Figure 38
DRDY (A) and the rising edge of DRDY (A).
CHOOSING THE SCLK FREQUENCY
As shown in Figure 37, the number of SCLK falling edges that
occur during the period when DRDY (A) is active low must
match the number of devices in the chain multiplied by 24 (the
number of bits that must be clocked through onto SDO (A) for
each device).
The period of SCLK (tSCLK) required for a known daisy-chain
length using a known common MCLK frequency must,
therefore, be established in advance. Note that the maximum
SCLK frequency is governed by t8 and is specified in the Timing
Specifications table for different VDRIVE voltages.
In the case where CS is tied logic low,
⎥⎦
⎤
⎢⎣
⎡
×
≤
K
t
t
READ
SCLK
24
(1)
where:
K
is the number of AD7767 devices in the chain.
tSCLK
is the period of the SCLK.
tREAD
equals tDRDY − t5.
In the case where CS is used in the daisy-chain interface,
(
) (
)
⎥⎦
⎤
⎢⎣
⎡
×
+
+
−
≤
K
t
t
t
t
t
13
7
6
READ
SCLK
24
(2)
where:
K
is the number of AD7767 devices in the chain.
tSCLK
is the period of the SCLK.
tREAD
equals tDRDY − t5.
Note that the maximum value of SCLK is governed by t8 and is
specified in the Timing Specifications table for different VDRIVE
voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com