Electronic Components Datasheet Search
  English  ▼

X  

SP4412 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # SP4412
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP4412 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  SP4412 Datasheet HTML 1Page - SamHop Microelectronics Corp. SP4412 Datasheet HTML 2Page - SamHop Microelectronics Corp. SP4412 Datasheet HTML 3Page - SamHop Microelectronics Corp. SP4412 Datasheet HTML 4Page - SamHop Microelectronics Corp. SP4412 Datasheet HTML 5Page - SamHop Microelectronics Corp. SP4412 Datasheet HTML 6Page - SamHop Microelectronics Corp. SP4412 Datasheet HTML 7Page - SamHop Microelectronics Corp. SP4412 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Suface Mount Package.
S mHop Microelectronics C orp.
a
SP4412
Symbol
VDS
VGS
IDM
75
W
A
PD
°C
1.67
-55 to 150
ID
Units
Parameter
30
7
60
°C/W
V
V
±20
TA=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
30V
16A
31
@
VGS=4.5V
19
@
VGS=10V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Limit
Drain Current-Continuous
a
-Pulsed c
A
Maximum Power Dissipation
a
Operating Junction and Storage
Temperature Range
TJ, TSTG
Thermal Resistance, Junction-to-Ambient
R JA
www.samhop.com.tw
Apr,16,2014
1
Details are subject to change without notice.
TA=25°C
TA=70°C
A
TA=70°C
W
Green
Product
ESD Protected.
5.6
1.07
N-Channel Enhancement Mode Field Effect Transistor
TSON 3.3 x 3.3
Pin 1
4
3
2
1
D
D
D
D
G
S
S
5
6
7
8
S
Ver 1.1
c
56
EAS
Single Pulse Avalanche Energy
d
mJ
16
TC=25°C
TC=100°C
A
12.5
A
4.8
°C/W
Thermal Resistance, Junction-to-Case
R JC


Similar Part No. - SP4412

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4412 SIPEX-SP4412 Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
SP4412ACN SIPEX-SP4412ACN Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
SP4412ACU SIPEX-SP4412ACU Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
SP4412ACX SIPEX-SP4412ACX Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
More results

Similar Description - SP4412

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com