Electronic Components Datasheet Search
  English  ▼

X  

SP4412 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # SP4412
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP4412 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  SP4412 Datasheet HTML 1Page - SamHop Microelectronics Corp. SP4412 Datasheet HTML 2Page - SamHop Microelectronics Corp. SP4412 Datasheet HTML 3Page - SamHop Microelectronics Corp. SP4412 Datasheet HTML 4Page - SamHop Microelectronics Corp. SP4412 Datasheet HTML 5Page - SamHop Microelectronics Corp. SP4412 Datasheet HTML 6Page - SamHop Microelectronics Corp. SP4412 Datasheet HTML 7Page - SamHop Microelectronics Corp. SP4412 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SP4412
Ver 1.1
www.samhop.com.tw
Apr,16,2014
3
Tj( °
C )
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current(A)
Tj, Junction Temperature(° C )
Figure 3. On-Resistance vs. Drain Current
and Gate Voltage
Figure 4. On-Resistance Variation with Drain
Current and Temperature
Tj, Junction Temperature(° C )
Figure 5. Gate Threshold Variation
with Temperature
Tj, Junction Temperature(° C )
Figure 6. Breakdown Voltage Variation
with Temperature
35
20
15
10
0
0
0.5
1.0
1.5
2.0
2.5
3.0
14
8
6
4
2
0
0
1
5
4
3
2
-55 C
60
50
40
30
20
10
0
1.6
1.4
1.3
1.2
1.1
1.0
0
0
100
75
25
50
125
150
0.4
0.2
1.6
1.4
1.2
1.0
0.8
0.6
125 150
100
75
50
25
0
-25
-50
1.15
1.10
1.05
1.00
0.95
0.90
0.85
125 150
100
75
50
25
0
-25
-50
ID=250uA
5
1.5
V GS =4.5V
ID=2.8A
V GS =10V
ID=3.5A
25
20
15
10
5
1
V DS =V GS
ID=250uA
VGS=3.5V
VGS=4V
VGS=10V
VGS=4.5V
25
30
VGS=3V
10
12
Tj=125 C
25 C
30
35
V GS =10V
V GS =4.5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com