Electronic Components Datasheet Search
  English  ▼

X  

AD5662 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5662
Description  2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5662 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5662 Datasheet HTML 9Page - Analog Devices AD5662 Datasheet HTML 10Page - Analog Devices AD5662 Datasheet HTML 11Page - Analog Devices AD5662 Datasheet HTML 12Page - Analog Devices AD5662 Datasheet HTML 13Page - Analog Devices AD5662 Datasheet HTML 14Page - Analog Devices AD5662 Datasheet HTML 15Page - Analog Devices AD5662 Datasheet HTML 16Page - Analog Devices AD5662 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Preliminary Technical Data
AD5662
Rev. PrA | Page 13 of 20
GENERAL DESCRIPTION
D/A SECTION
The AD5662 DAC is fabricated on a CMOS process. The
architecture consists of a string DAC followed by an output
buffer amplifier. Figure 27 shows a block diagram of the DAC
architecture.
VDD
VOUT
GND
RESISTOR
STRING
REF (+)
REF (–)
OUTPUT
AMPLIFIER
DAC REGISTER
VFB
Figure 27. DAC Architecture
Since the input coding to the DAC is straight binary, the ideal
output voltage is given by
⎟
⎠
⎞
⎜
⎝
⎛
×
=
536
,
65
D
VREF
V
OUT
where D is the decimal equivalent of the binary code that is
loaded to the DAC register; it can range from 0 to 65535.
RESISTOR STRING
The resistor string section is shown in Figure 28. It is simply a
string of resistors, each of value R. The code loaded to the DAC
register determines at which node on the string the voltage is
tapped off to be fed into the output amplifier. The voltage is
tapped off by closing one of the switches connecting the string
to the amplifier. Because it is a string of resistors, it is guaranteed
monotonic.
R
R
R
R
R
TO OUTPUT
AMPLIFIER
Figure 28. Resistor String
OUTPUT AMPLIFIER
The output buffer amplifier is capable of generating rail-to-rail
voltages on its output which gives an output range of 0 V to
VDD. It is capable of driving a load of 2 kΩ in parallel with 1000
pF to GND. The source and sink capabilities of the output
amplifier can be seen in Figure 10 and Figure 11. The slew rate
is 1 V/µs with a half-scale settling time of 8 µs with the output
unloaded.
SERIAL INTERFACE
The AD5662 has a 3-wire serial interface (SYNC, SCLK, and
DIN) that is compatible with SPI, QSPI, and MICROWIRE
interface standards as well as most DSPs. See Figure 2 for a
timing diagram of a typical write sequence.
The write sequence begins by bringing the SYNC line low. Data
from the DIN line is clocked into the 24-bit shift register on the
falling edge of SCLK. The serial clock frequency can be as high
as 30 MHz, making the AD5662compatible with high speed
DSPs. On the 24th falling clock edge, the last data bit is clocked
in and the programmed function is executed (i.e., a change in
DAC register contents and/or a change in the mode of operation).
At this stage, the SYNC line may be kept low or be brought
high. In either case, it must be brought high for a minimum of
33 ns before the next write sequence so that a falling edge of
SYNC can initiate the next write sequence. Since the SYNC
buffer draws more current when VIN = 2.4 V than it does when
VIN = 0.8 V, SYNC should be idled low between write sequences
for even lower power operation. As is mentioned previously,
however, it must be brought high again just before the next
write sequence.
INPUT SHIFT REGISTER
The input shift register is 24 bits wide (see Figure 29). The first
six bits are don’t cares. The next two are control bits that control
the part’s mode of operation (normal mode or any one of three
power-down modes). See the Power-On Reset section for a
more complete description of the various modes. The next 16
bits are the data bits. These are transferred to the DAC register
on the 24th falling edge of SCLK.
SYNC INTERRUPT
In a normal write sequence, the SYNC line is kept low for at
least 24 falling edges of SCLK, and the DAC is updated on the
24th falling edge. However if SYNC is brought high before the
24th falling edge, this acts as an interrupt to the write sequence.
The shift register is reset and the write sequence is seen as
invalid. Neither an update of the DAC register contents nor a
change in the operating mode occurs—see Figure 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com