Electronic Components Datasheet Search
  English  ▼

X  

AD5662 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5662
Description  2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5662 Datasheet(HTML) 2 Page - Analog Devices

  AD5662 Datasheet HTML 1Page - Analog Devices AD5662 Datasheet HTML 2Page - Analog Devices AD5662 Datasheet HTML 3Page - Analog Devices AD5662 Datasheet HTML 4Page - Analog Devices AD5662 Datasheet HTML 5Page - Analog Devices AD5662 Datasheet HTML 6Page - Analog Devices AD5662 Datasheet HTML 7Page - Analog Devices AD5662 Datasheet HTML 8Page - Analog Devices AD5662 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD5662
Preliminary Technical Data
Rev. PrA | Page 2 of 20
TABLE OF CONTENTS
Specifications..................................................................................... 3
Timing Characteristics..................................................................... 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Description .............................. 7
Terminology ...................................................................................... 8
Typical Performance Characteristics ............................................. 9
General Description ....................................................................... 13
D/A Section................................................................................. 13
Resistor String ............................................................................. 13
Output Amplifier........................................................................ 13
Serial Interface ............................................................................ 13
Input Shift Register .................................................................... 13
SYNC Interrupt .......................................................................... 13
Power-On-Reset ......................................................................... 14
Power-Down Modes .................................................................. 14
Microprocessor Interfacing....................................................... 15
Applications..................................................................................... 16
Using REF19x as a Power Supply for AD5662 ....................... 16
Bipolar Operation Using the AD5662 ..................................... 16
Using AD5662 with an Opto-Isolated Interface .................... 17
Power Supply Bypassing and Grounding................................ 17
Outline Dimensions ....................................................................... 18
Ordering Guide .......................................................................... 18
REVISION HISTORY
10/04—Revision PrA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com