Electronic Components Datasheet Search
  English  ▼

X  

AD7904 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7904
Description  4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7904 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7904 Datasheet HTML 14Page - Analog Devices AD7904 Datasheet HTML 15Page - Analog Devices AD7904 Datasheet HTML 16Page - Analog Devices AD7904 Datasheet HTML 17Page - Analog Devices AD7904 Datasheet HTML 18Page - Analog Devices AD7904 Datasheet HTML 19Page - Analog Devices AD7904 Datasheet HTML 20Page - Analog Devices AD7904 Datasheet HTML 21Page - Analog Devices AD7904 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
–18–
AD7904/AD7914/AD7924
REV. 0
better dynamic performance with a VDD of 5 V while still being
able to interface to 3 V processors. Care should be taken to
ensure VDRIVE does not exceed VDD by more than 0.3 V. (See
the Absolute Maximum Ratings section).
Reference
An external reference source should be used to supply the 2.5 V
reference to the AD7904/AD7914/AD7924. Errors in the refer-
ence source will result in gain errors in the AD7904/AD7914/
AD7924 transfer function and will add to the specified full-scale
errors of the part. A capacitor of at least 0.1
µF should be placed
on the REFIN pin. Suitable reference sources for the AD7904/
AD7914/AD7924 include the AD780, REF 193, and the AD1582.
If 2.5 V is applied to the REFIN pin, the analog input range can
either be 0 V to 2.5 V or 0 V to 5 V, depending on the setting of
the RANGE bit in the Control Register.
MODES OF OPERATION
The AD7904/AD7914/AD7924 have a number of different
modes of operation. These modes are designed to provide flex-
ible power management options. These options can be chosen
to optimize the power dissipation/throughput rate ratio for dif-
fering application requirements. The mode of operation of the
AD7904/AD7914/AD7924 is controlled by the power manage-
ment bits, PM1 and PM0, in the Control Register, as detailed in
Table III. When power supplies are first applied to the AD7904/
AD7914/AD7924, care should be taken to ensure that the part
is placed in the required mode of operation (see the Powering
Up the AD7904/AD7914/AD7924 section).
Normal Mode (PM1 = PM0 = 1)
This mode is intended for the fastest throughput rate performance
as the user does not have to worry about any power-up times
with the AD7904/AD7914/AD7924 remaining fully powered at
all times. Figure 11 shows the general diagram of the operation
of the AD7904/AD7914/AD7924 in this mode.
The conversion is initiated on the falling edge of
CS and the track
and hold will enter hold mode as described in the Serial Interface
section. The data presented to the AD7904/AD7914/AD7924 on
the DIN line during the first 12 clock cycles of the data transfer
are loaded into the Control Register (provided WRITE bit is set
to 1). The part will remain fully powered up in normal mode at
the end of the conversion as long as PM1 and PM0 are set to 1
in the write transfer during that same conversion. To ensure
continued operation in Normal Mode, PM1 and PM0 must both
be loaded with 1 on every data transfer, assuming a write opera-
tion is taking place. If the WRITE bit is set to 0, then the power
management bits will be left unchanged and the part will remain
in Normal Mode.
Sixteen serial clock cycles are required to complete the conver-
sion and access the conversion result. The track and hold will go
back into track on the fourteenth SCLK falling edge.
CS may
then idle high until the next conversion or may idle low until
sometime prior to the next conversion, (effectively idling
CS low).
Once a data transfer is complete (DOUT has returned to three-
state), another conversion can be initiated after the quiet time,
tQUIET, has elapsed by bringing CS low again.
1
12
CS
SCLK
DOUT
DIN
16
2 LEADING ZEROS + 2 CHANNEL IDENTIFIER BITS
+ CONVERSION RESULT
DATA IN TO CONTROL REGISTER
NOTE: CONTROL REGISTER DATA IS LOADED ON FIRST 12 SCLK CYCLES
Figure 11. Normal Mode Operation
Full Shutdown (PM1 = 1, PM0 = 0)
In this mode, all internal circuitry on the AD7904/AD7914/
AD7924 is powered down. The part retains information in the
Control Register during full shutdown. The AD7904/AD7914/
AD7924 remains in full shutdown until the power management
bits in the Control Register, PM1 and PM0, are changed.
If a write to the Control Register occurs while the part is in Full
Shutdown, with the power management bits changed to PM0 =
PM1 = 1, Normal mode, the part will begin to power up on the
CS rising edge. The track and hold that was in hold while the
part was in Full Shutdown will return to track on the fourteenth
SCLK falling edge.
To ensure that the part is fully powered up, tPOWER UP (t12) should
have elapsed before the next
CS falling edge. Figure 12 shows
the general diagram for this sequence.
Auto Shutdown (PM1 = 0, PM0 = 1)
In this mode, the AD7904/AD7914/AD7924 automatically enters
shutdown at the end of each conversion when the control register
is updated. When the part is in shutdown, the track and hold is in
hold mode. Figure 13 shows the general diagram of the operation
of the AD7904/AD7914/AD7924 in this mode. In shutdown mode
all internal circuitry on the AD7904/AD7914/AD7924 is
powered down. The part retains information in the Control
Register during shutdown. The AD7904/AD7914/AD7924
remains in shutdown until the next
CS falling edge it receives.
On this
CS falling edge the track and hold that was in hold while
the part was in shutdown will return to track. Wake-up time
from auto shutdown is 1
µs maximum, and the user should
ensure that 1
µs has elapsed before attempting a valid conver-
sion. When running the AD7904/AD7914/AD7924 with a
20 MHz clock, one 16 SCLK dummy cycle should be sufficient
to ensure the part is fully powered up. During this dummy cycle
the contents of the Control Register should remain unchanged,
therefore the WRITE bit should be 0 on the DIN line. This
dummy cycle effectively halves the throughput rate of the part,
with every other conversion result being valid. In this mode the
power consumption of the part is greatly reduced with the part
entering shutdown at the end of each conversion. When the
Control Register is programmed to move into auto shutdown, it
does so at the end of the conversion. The user can move the ADC
in and out of the low power state by controlling the
CS signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com