Electronic Components Datasheet Search
  English  ▼

X  

AD8380 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8380
Description  Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8380 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8380 Datasheet HTML 8Page - Analog Devices AD8380 Datasheet HTML 9Page - Analog Devices AD8380 Datasheet HTML 10Page - Analog Devices AD8380 Datasheet HTML 11Page - Analog Devices AD8380 Datasheet HTML 12Page - Analog Devices AD8380 Datasheet HTML 13Page - Analog Devices AD8380 Datasheet HTML 14Page - Analog Devices AD8380 Datasheet HTML 15Page - Analog Devices AD8380 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. B
AD8380
–12–
SXGA and Beyond
Very high resolution display systems can be built using the E/
O
XGA system as a model. By using four AD8380s, twenty-four
columns can be driven together for an SXGA display. Two would
be designated for even columns and two for odd. Four separate
STSQ signals would be used to coordinate data loading with a
single XFR to synchronize updating of output voltages.
Using a single external voltage source to drive the VREF inputs
on all drivers for a particular color and a single voltage source
for all their VMID inputs, will guarantee matching for all channels.
The exceptional accuracy of the AD8380’s transfer function will
ensure that high channel count systems can be built without fear of
image artifacts resulting from channel-to-channel matching errors.
Direct Channel Loading
For debug or characterization purposes, it may be desirable to
load data directly into a single channel without requiring exercise
of the STSQ and XFR inputs. This can be done by applying
dc logic high levels to the STSQ and XFR inputs, and addressing
the desired channel through the A[0:2] inputs. Data will then
be loaded into the selected channel on each falling edge of the
CLK signal.
The maximum rate at which a channel can be updated will be
limited by the settling time of the output amplifiers.
Addressed Channel Loading
The direct channel loading method can be extended. Channels
may be loaded in an arbitrary sequence through the use of an
active XFR signal with STSQ set to a high level. Use the A[0:2]
inputs to define the desired channel sequence. Data will be loaded
on the falling edge of CLK into the channel whose address was
valid on the preceding rising edge of CLK. All channel outputs
are then updated together by qualification of a valid XFR signal.
See Figure 9 for timing details.
t
1
t
2
50
1
5
t
5
DB[0:9]
CLK
XFR
t
6
t
8
t
9
0
IN THIS CASE, INPUT LATCHES ARE LOADED IN THE ORDER SELECTED
BY A[0:2], THEN DACs ARE UPDATED TOGETHER BY XFR.
A[0:2]
Figure 9. Addressed Channel Timing (E/
O = HIGH,
STSQ/CS = HIGH)
Standby Mode
A high level applied to the standby (STBY) input will turn off
most of the internal circuitry, dropping the quiescent power
dissipation to a few milliwatts. Since both digital and analog
circuits are debiased, all stored data will be lost. Upon returning
STBY to a low level, normal operation is restored.
APPLICATION
The AD8380 is a mixed-signal, high speed, very accurate device
with multiple channels. In order to realize its specifications, it is
essential to use a properly designed circuit board.
Layout and Grounding
The analog and digital sections of the AD8380 are pinned
out on approximately opposite sides of the package. When
laying out a circuit board, please keep these sections separate
from each other to minimize crosstalk and noise coupling of
the digital input signals into the analog outputs.
All signal trace lengths should be made as short and direct as
possible to prevent signal degradation due to parasitic effects.
Please note that digital signals should not cross or be routed
near analog signals.
It is imperative to provide a solid ground plane under and
around the part. All of the ground pins of the part should be
directly connected to the ground plane with no extra signal
path length. For conventional operation, this includes the
pins DVEE, AVEEDAC, AVEEBIAS, AVEE0, AVEE1,2;
AVEE3,4; and AVEE5. The return currents for any of the sig-
nals for the part should be routed close to the ground pin for
that section to prevent stray signals from appearing on other
ground pins.
Power Supply Bypassing
The AD8380 has several power supply and reference voltages
that must be properly bypassed to the ground plane for opti-
mum performance. The bypass capacitor for each supply pin, as
well as VREFHI, VREFLO, and VMID, should be connected as
close as possible to the IC pins and directly to the ground plane.
A 0.1
µF capacitor, preferably a ceramic chip, should be used to
minimize lead length.
To provide low frequency, high current bypassing, larger value
tantalum capacitors should also be used. These should be con-
nected from the supply to ground, but it is not necessary to place
these close to the IC pins. Stray inductance will not greatly affect
their performance. The high current outputs should be bypassed
with these capacitors. It is recommended that two 22
µF tantalum
capacitors be placed from the AVCC supply to ground at either
end of the output side of the IC. AVCCBIAS and AVCCDAC
should each have a 10
µF tantalum bypass capacitor to ground.
See Figure 10.
VREFHI Reference Distribution
In a system that uses more than one AD8380 per color, it is
important that all of the AD8380 devices operate from equal
reference voltages to ensure that the video outputs are well
matched. VREFLO is not a concern due to its high input resis-
tance and very low bias current. Therefore, it is not likely that
there will be significant dc voltage drops in the circuit traces to that
supply. It is recommended to have good local supply bypassing
at each AD8380 from their respective VREFLOs to ground.
The higher input current that flows in the VREFHI circuit
requires that this be laid out more carefully. VREFHI connects
internally to a 20 k
Ω resistor for each of the six channels to provide
an input resistance of about 3.3 k
Ω. Thus with a (VREFHI –
VREFLO) voltage of 2.5 V (to yield a VFS of 5.0 V ), about
750
µA will flow into each VREFHI circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com