Electronic Components Datasheet Search
  English  ▼

X  

AD8380 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8380
Description  Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8380 Datasheet(HTML) 4 Page - Analog Devices

  AD8380 Datasheet HTML 1Page - Analog Devices AD8380 Datasheet HTML 2Page - Analog Devices AD8380 Datasheet HTML 3Page - Analog Devices AD8380 Datasheet HTML 4Page - Analog Devices AD8380 Datasheet HTML 5Page - Analog Devices AD8380 Datasheet HTML 6Page - Analog Devices AD8380 Datasheet HTML 7Page - Analog Devices AD8380 Datasheet HTML 8Page - Analog Devices AD8380 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. B
AD8380
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8380 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage AVCC–AVEE . . . . . . . . . . . . . . . . . . . . . 26 V
Internal Power Dissipation
2
Quad Flat Package (S) . . . . . . . . . . . . . . . . . . . . . . . 1.7 W
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Associated Text
Storage Temperature Range . . . . . . . . . . . . –65
°C to +125°C
Operating Temperature Range . . . . . . . . . . . . . . 0
°C to 85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
44-Lead MQFP Package:
θ
JA = 73
°C/W (Still Air), where P
D = (TJ – TA)/
θ
JA.
θ
JC = 22
°C/W.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8380 is limited by the associated rise in junction temperature.
The maximum safe junction temperature for plastic encapsulated
devices is determined by the glass transition temperature of the
plastic, approximately 150
°C. Exceeding this limit temporarily
may cause a shift in parametric performance due to a change in
the stresses exerted on the die by the package. Exceeding a junc-
tion temperature of 175
°C for an extended period can result in
device failure.
Output Short Circuit Limit
The AD8380’s internal short circuit limitation is not sufficient to
protect the device in the event of a direct short circuit between a
video output and a power supply voltage rail (VCC or VEE). Tem-
porary short circuits can reduce an output’s ability to source or
sink current and, therefore, impact the device’s ability to drive a
load. Short circuits of extended duration can cause metal lines to
fuse open, rendering the device nonfunctional.
To prevent these problems, it is recommended that a series
resistor of 25
Ω or greater be placed as close as possible to the
AD8380’s video outputs. This will serve to substantially reduce
the magnitude of the fault currents and protect the outputs from
damage caused by intermittent short circuits. This may not be
enough to guarantee that the maximum junction temperature
(150
°C) is not exceeded under all conditions. To ensure proper
operation, it is necessary to observe the maximum power derat-
ing curve in Figure 2 below.
AMBIENT TEMPERATURE – C
3.0
1.0
0.5
80
0
10
20
30
40
50
60
70
TJ, MAX = 150 C
2.5
2.0
1.5
90
Figure 2. Maximum Power Dissipation vs. Temperature
PIN CONFIGURATION
44 43 42 41 40 39 38 37 36 35 34
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
12 13 14 15 16 17 18 19 20 21 22
NC = NO CONNECT
AVCC0,1
NC
DB8
(MSB) DB9
AD8380
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
VID0
VID1
AVEE1,2
VID2
AVCC2,3
VID3
AVEE3,4
VID4
AVCC4,5
VID5
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8380JS
0
°C to 85°C
44-Lead MQFP
S-44A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com