Electronic Components Datasheet Search
  English  ▼

X  

AD9824 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9824
Description  Complete 14-Bit 30 MSPS CCD Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9824 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9824 Datasheet HTML 2Page - Analog Devices AD9824 Datasheet HTML 3Page - Analog Devices AD9824 Datasheet HTML 4Page - Analog Devices AD9824 Datasheet HTML 5Page - Analog Devices AD9824 Datasheet HTML 6Page - Analog Devices AD9824 Datasheet HTML 7Page - Analog Devices AD9824 Datasheet HTML 8Page - Analog Devices AD9824 Datasheet HTML 9Page - Analog Devices AD9824 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
REV. 0
AD9824
–6–
PIN FUNCTION DESCRIPTIONS
Pin Number
Name
Type
Description
1–12
D2–D13
DO
Digital Data Outputs. Pin 12 (D13) is MSB.
13
DRVDD
P
Digital Output Driver Supply
14
DRVSS
P
Digital Output Driver Ground
15, 41
DVSS
P
Digital Ground
16
DATACLK
DI
Digital Data Output Latch Clock
17
DVDD1
P
Digital Supply 1
18
HD
DI
Horizontal Drive. Used with VD for color steering control.
19
PBLK
DI
Preblanking Clock Input
20
CLPOB
DI
Black Level Clamp Clock Input
21
SHP
DI
CDS Sampling Clock for CCD’s Reference Level
22
SHD
DI
CDS Sampling Clock for CCD’s Data Level
23
CLPDM
DI
Input Clamp Clock Input
24
VD
DI
Vertical Drive. Used with HD for color steering control.
25, 26, 35
AVSS
P
Analog Ground
27
AVDD1
P
Analog Supply 1
28
BYP1
AO
Internal Bias Level Decoupling
29
BYP2
AO
Internal Bias Level Decoupling
30
CCDIN
AI
Analog Input for CCD Signal
31
NC
NC
Internally Not Connected
32
BYP3
AO
Internal Bias Level Decoupling
33
AVDD2
P
Analog Supply 2
34
AUX2IN
AI
Analog Input
36
AUX1IN
AI
Analog Input
37
NC
NC
Internally Not Connected
38
VRT
AO
A/D Converter Top Reference Voltage Decoupling
39
VRB
AO
A/D Converter Bottom Reference Voltage Decoupling
40
DVDD2
P
Digital Supply 2
42
NC
NC
Internally Not Connected
43
STBY
DI
Standby Mode, Active High. Same as total power-down mode.
44
SL
DI
Serial Digital Interface Load Pulse
45
SDATA
DI
Serial Digital Interface Data
46
SCK
DI
Serial Digital Interface Clock
47, 48
D0–D1
DI
Digital Data Outputs. Pin 47 (D0) is LSB.
TYPE: AI = Analog Input, AO = Analog Output, DI = Digital Input, DO = Digital Output, P = Power
PIN CONFIGURATIONS
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AUX1IN
AVSS
AUX2IN
AVDD2
BYP3
NC
CCDIN
D2
D3
D4
D5
D6
D7
D8
NC = NO CONNECT
D9
D10
D11
D12
BYP2
BYP1
AVDD1
AVSS
AD9824
(MSB) D13
AVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com