Electronic Components Datasheet Search
  English  ▼

X  

AD9824 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9824
Description  Complete 14-Bit 30 MSPS CCD Signal Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9824 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9824 Datasheet HTML 16Page - Analog Devices AD9824 Datasheet HTML 17Page - Analog Devices AD9824 Datasheet HTML 18Page - Analog Devices AD9824 Datasheet HTML 19Page - Analog Devices AD9824 Datasheet HTML 20Page - Analog Devices AD9824 Datasheet HTML 21Page - Analog Devices AD9824 Datasheet HTML 22Page - Analog Devices AD9824 Datasheet HTML 23Page - Analog Devices AD9824 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
REV. 0
AD9824
–22–
OUTLINE DIMENSIONS
Dimensions shown in millimeters and (inches)
48-Lead Frame Chip Scale Package LFCSP
7 x 7 mm Body
(CP-48)
PIN 1
INDICATOR
TOP
VIEW
6.75 (0.2657)
BSC SQ
7.00 (0.2756)
BSC SQ
1
48
1
2
13
37
36
24
25
BOTTOM
VIEW
5.45 (0.2146)
5.30 (0.2087) SQ
5.15 (0.2028)
0.60 (0.0236)
0.42 (0.0165)
0.24 (0.0094)
4
0.50 (0.0197)
0.40 (0.0157)
0.30 (0.0118)
0.30 (0.0118)
0.23 (0.0091)
0.18 (0.0071)
0.50 (0.0197)
BSC
12 MAX
0.20 (0.0079)
REF
0.70 (0.0315) MAX
0.65 (0.0276) NOM
0.90 (0.0354) MAX
0.85 (0.0335) NOM
0.05 (0.0020)
0.01 (0.0004)
0.00 (0.0000)
5.50 (0.2165)
REF
SEATING
PLANE
COPLANARITY
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MO-220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com