Electronic Components Datasheet Search
  English  ▼

X  

AD9925BBCZRL Datasheet(PDF) 18 Page - Analog Devices

Part # AD9925BBCZRL
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZRL Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9925BBCZRL Datasheet HTML 14Page - Analog Devices AD9925BBCZRL Datasheet HTML 15Page - Analog Devices AD9925BBCZRL Datasheet HTML 16Page - Analog Devices AD9925BBCZRL Datasheet HTML 17Page - Analog Devices AD9925BBCZRL Datasheet HTML 18Page - Analog Devices AD9925BBCZRL Datasheet HTML 19Page - Analog Devices AD9925BBCZRL Datasheet HTML 20Page - Analog Devices AD9925BBCZRL Datasheet HTML 21Page - Analog Devices AD9925BBCZRL Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 96 page
background image
AD9925
Rev. A | Page 18 of 96
P[48] = P[0]
P[24]
P[36]
NOTES
1. DATA OUTPUT (DOUT) AND DCLK PHASE IS ADJUSTABLE WITH RESPECT TO THE PIXEL PERIOD.
2. WITHIN 1 CLOCK PERIOD, THE DATA TRANSITION CAN BE PROGRAMMED TO 48 DIFFERENT LOCATIONS.
3. OUTPUT DELAY (
tOD) FROM DCLK RISING EDGE TO DOUT RISING EDGE IS PROGRAMMABLE.
P[0]
P[12]
PIXEL
PERIOD
DOUT
DCLK
tOD
Figure 21. Digital Output Phase Adjustment
E = 0.
FT DOUT TRA
HICH IS EQ
FOR THE DOUTPHASE LOCATION.
SHPLOC EDGE OR THE 11 EDGES FOLLOWING SHPLOC.
ECOMMENDED VALUE FOR
tOD (DOUT DLY) IS 4ns.
SING REGISTER 0x03, BIT [4] = 1, SO THAT THE ADC DATA OUTPUTS APPEAR DIRECTLY AT THE
ECOMMENDED IF ADJUSTABLE DOUT PHASE IS NOT REQUIRED.
NOTES
1. TIMING VALUES SHOWN ARE SHDLOC = 0, WITH DCLKMOD
2. HIGHER VALUES OF SHD AND/OR DOUTPHASE WILL SHI
3. INHIBIT TIME FOR DOUT PHASE IS DEFINED BY tDOUTINH, W
11 EDGE LOCATIONS FOLLOWING SHDLOC NOT BE USED
4. RECOMMENDED VALUE FOR DOUT PHASE IS TO USE THE
5. R
NSITION TO THE RIGHT, WITH RESPECT TO CLI LOCATION.
UAL TO SHDLOC PLUS 11 EDGES. IT IS RECOMMENDED THAT THE
6. THE DOUT LATCH CAN BE BYPASSED U
DOUT PINS. THIS CONFIGURATION IS R
DCLK
DOUT
N – 13
N– 8
N– 9
N – 10
N – 11
N – 12
CCDIN
SHD
(INTERNAL)
N
N + 1
N + 2
N + 4
N + 3
CLI
N + 12
N + 11
N + 10
N + 9
N + 8
N + 7
6
N + 13
N +
N + 5
N
N– 7
N– 3
N– 4
N– 5
– 6
N– 2
N– 1
N + 1
N
SAMPLE PIXEL N
tCLIDLY
N– 1
PIPELINE LATENC
tDOUTINH
Y = 11 CYCLES
N + 2
N – 13
N– 8
N– 9
N – 10
N – 11
N – 12
N– 3
N– 4
N– 5
N– 2
N– 1
N + 1
N
N + 2
N– 6
N– 7
ADC DOUT
(INTERNAL)
Figure
utput Pipeline Delay
ONTAL
P
ho
tal cl
lses
programmable to suit a variety of applications. Individu
trol is provided for CLPOB, PBLK, and HBLK during th
d. Th
e dark pixel clam
and blanking patterns to be changed at each stage of the
out, which accommodates the different image transfer t
and high speed line shifts.
Individual CLPOB and PBLK Patterns
he AFE horizontal timing consists of CLPOB and PBLK, as
wn in Figure 23. These two signals are independently pro-
rammed using the registers in Table 10. SPOL is the start po-
larity for the signal, and TOG1 and TOG2 are the first and sec-
ond toggle positions of the pulse. Both signals ar
and should be programmed accordingly.
te vertical sequences
be changed accordingly with
each change in the vertical timing.
CLPOB Masking Area
Additionally, the AD9925 allows the CLPOB signal to be dis-
abled during certain lines in the field without changing any of
B pattern settings. There are two ways to use
CLPOB masking. First, the six CLPOBMASK registers can be used
22. Digital Data O
HORIZ
CLAM ING AND BLANKING
The AD9925’s
rizon
amping and blanking pu
are fully
al con-
e differ-
A separate pattern for CLPOB and PBLK may be programmed
for every 10 vertical sequences. As described in the Vertical
Timing Generation section, up to 10 separa
ent regions of each fiel
is allows th
ping
read-
iming
can be created, each containing a unique pulse pattern for
CLPOB and PBLK. Figure 37 shows how the sequence change
positions divide the readout field into different regions. A dif-
ferent vertical sequence can be assigned to each region, allowing
the CLPOB and PBLK signals to
T
sho
g
e active low
the existing CLPO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com