Electronic Components Datasheet Search
  English  ▼

X  

AD5392BCP-3 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5392BCP-3
Description  8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5392BCP-3 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5392BCP-3 Datasheet HTML 9Page - Analog Devices AD5392BCP-3 Datasheet HTML 10Page - Analog Devices AD5392BCP-3 Datasheet HTML 11Page - Analog Devices AD5392BCP-3 Datasheet HTML 12Page - Analog Devices AD5392BCP-3 Datasheet HTML 13Page - Analog Devices AD5392BCP-3 Datasheet HTML 14Page - Analog Devices AD5392BCP-3 Datasheet HTML 15Page - Analog Devices AD5392BCP-3 Datasheet HTML 16Page - Analog Devices AD5392BCP-3 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
AD5390/AD5391/AD5392
Rev. A | Page 13 of 44
TIMING CHARACTERISTICS: I2C SERIAL INTERFACE
Guaranteed by design and characterization, not production tested. DVDD = 2.7 V to 5.5 V; AVDD = 2.7 V to 5.5 V; AGND = DGND = 0 V.
All specifications TMIN to TMAX, unless otherwise noted.
Table 7.
Parameter1
Limit at TMIN, TMAX
Unit
Description
FSCL
400
kHz max
SCL clock frequency
t1
2.5
µs min
SCL cycle time
t2
0.6
µs min
tHIGH, SCL high time
t3
1.3
µs min
tLOW, SCL low time
t4
0.6
µs min
tHD, STA, start/repeated start condition hold time
t5
100
ns min
tSU, DAT, data setup time
t62
0.9
µs max
tHD, DAT data hold time
0
µs min
tHD, DAT data hold time
t7
0.6
µs min
tSU, STA setup time for repeated start
t8
0.6
µs min
tSU, STO stop condition setup time
t9
1.3
µs min
tBUF, bus free time between a stop and a start condition
t10
300
ns max
tF, fall time of SDA when transmitting
0
ns min
tR, rise time of SCL and SDA when receiving (CMOS-compatible)
t11
300
ns max
tF, fall time of SDA when transmitting
0
ns min
tF, fall time of SDA when receiving (CMOS-compatible)
300
ns max
tF, fall time of SCL and SDA when receiving
20 + 0.1 CB
ns min
tF, fall time of SCL and SDA when transmitting
CB3
400
pF max
Capacitive load for each bus line
1 See F
.
igure 6
2 A master device must provide a hold time of at least 300 ns for the SDA signal (referred to the VIH MIN of the SCL signal)
to bridge the undefined region of SCL’s falling edge.
3 CB is the total capacitance of one bus line in pF; tR and tF measured between 0.3 DVDD and 0.7 DVDD.
SCL
SDA
START
CONDITION
REPEATED
START
CONDITION
STOP
CONDITION
t9
t3
t10
t11
t4
t4
t6
t2
t5
t7
t8
t1
Figure 6. I2C Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com