Electronic Components Datasheet Search
  English  ▼

X  

AD5392BCP-3 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5392BCP-3
Description  8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5392BCP-3 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5392BCP-3 Datasheet HTML 17Page - Analog Devices AD5392BCP-3 Datasheet HTML 18Page - Analog Devices AD5392BCP-3 Datasheet HTML 19Page - Analog Devices AD5392BCP-3 Datasheet HTML 20Page - Analog Devices AD5392BCP-3 Datasheet HTML 21Page - Analog Devices AD5392BCP-3 Datasheet HTML 22Page - Analog Devices AD5392BCP-3 Datasheet HTML 23Page - Analog Devices AD5392BCP-3 Datasheet HTML 24Page - Analog Devices AD5392BCP-3 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
AD5390/AD5391/AD5392
Rev. A | Page 21 of 44
SAMPLE NUMBER
550
0
100
150
200
250
300
50
350
400
500
450
1.245
1.254
1.253
1.252
1.251
1.250
1.249
1.248
1.247
1.246
AVDD = DVDD = 3V
VREF = 1.25V
TA = 25°C
14ns/SAMPLE NUMBER
1 LSB CHANGE AROUND MIDSCALE
GLITCH IMPULSE = 5nV-s
Figure 23. AD539x-3 Glitch Impulse
AVDD = DVDD = 5V
VREF = 2.5V
TA = 25°C
VOUT
Figure 24. AD539x Slew Rate Boost Off
AVDD = DVDD = 5V
VREF = 2.5V
TA = 25°C
VOUT
Figure 25. AD539x Slew Rate Boost On
10
8
6
4
2
0
0.4
0.5
0.6
0.7
0.8
0.9
DIDD (mA)
DVDD = 5.5V
VIH = DVDD
VIL = DGND
TA = 25°C
Figure 26. AD539x DIDD Histogram
SAMPLE NUMBER
550
0
100
150
200
250
300
50
350
400
500
450
2.449
2.456
2.455
2.454
2.453
2.452
2.451
2.450
AVDD = DVDD = 5V
VREF = 2.5V
TA = 25°C
14ns/SAMPLE NUMBER
Figure 27. AD539x Adjacent Channel Crosstalk
FREQUENCY (Hz)
100k
100
1k
10k
0
600
500
400
300
200
100
AVDD = 5V
TA = 25°C
REFOUT DECOUPLED
WITH 100nF CAPACITOR
REFOUT = 2.5V
REFOUT = 1.25V
Figure 28. AD539x REFOUT Noise Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com