Electronic Components Datasheet Search
  English  ▼

X  

ATA6830 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATA6830
Description  INTELLIGENT STEPPER MOTOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6830 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATA6830 Datasheet HTML 8Page - ATMEL Corporation ATA6830 Datasheet HTML 9Page - ATMEL Corporation ATA6830 Datasheet HTML 10Page - ATMEL Corporation ATA6830 Datasheet HTML 11Page - ATMEL Corporation ATA6830 Datasheet HTML 12Page - ATMEL Corporation ATA6830 Datasheet HTML 13Page - ATMEL Corporation ATA6830 Datasheet HTML 14Page - ATMEL Corporation ATA6830 Datasheet HTML 15Page - ATMEL Corporation ATA6830 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
ATA6830
4575C–BCD–05/03
Figure 11. Dynamic Frequency Adaption
In addition to the actual step frequency there is a maximum step frequency up to which
the actual step frequency can rise. To secure a correct operation at low supply voltages
the maximum value for the stepping frequency is smaller at low voltages. If the supply
voltage falls below the 9 V threshold, travel operation will suspend. To restart operation,
the supply voltage has to rise above 10.5 V. The relation of the maximum step fre-
quency and the supply voltage during operation is shown in Table 4.
Table 3. Frequency Ramp
Number
Step Frequency (Hz)
Step Time (µs)
1
303
3300
2
345
2895
3
394
2540
4
446
2240
5
493
2030
6
538
1860
7
575
1740
8
613
1630
9
649
1540
10
680
1470
11
714
1400
12
741
1350
13
769
1300
14
800
1250
15
826
1210
16
855
1170
17
877
1140
18
901
1110
19
926
1080
20
952
1050
21
980
1020
22
1000
1000
frequency
present position
nominal
position
time t+1
nominal
positon
time t
present
frequency
minimum
frequency
(300 Hz)
position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com