Electronic Components Datasheet Search
  English  ▼

X  

ATA6830 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATA6830
Description  INTELLIGENT STEPPER MOTOR DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6830 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATA6830 Datasheet HTML 11Page - ATMEL Corporation ATA6830 Datasheet HTML 12Page - ATMEL Corporation ATA6830 Datasheet HTML 13Page - ATMEL Corporation ATA6830 Datasheet HTML 14Page - ATMEL Corporation ATA6830 Datasheet HTML 15Page - ATMEL Corporation ATA6830 Datasheet HTML 16Page - ATMEL Corporation ATA6830 Datasheet HTML 17Page - ATMEL Corporation ATA6830 Datasheet HTML 18Page - ATMEL Corporation ATA6830 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15
ATA6830
4575C–BCD–05/03
Travel operation is suspended when overtemperature is detected. An error signal is sent
to the bus master via the bus. Operation can only restart after the supply voltage is shut
off.
•
Interruption of a stepping motor winding
The motor windings are only checked for interruption when supplied with hold current,
not during drive operation. The corresponding output is shut off. The other coil winding
is supplied with hold current. An error signal is sent. Operation can only restart after the
supply voltage is shut off.
•
Short circuit of a stepping motor winding
The corresponding output is shut off. The other coil winding is supplied with hold cur-
rent. An error signal is sent. Operation can only restart after the supply voltage is shut
off.
•
Short circuit of an output to ground or V
BAT
The corresponding output is shut off. The other coil winding is supplied with hold cur-
rent. An error signal is sent. Operation can only restart after the supply voltage is shut
off.
An error signal is sent to the microcontroller by clamping the bus to ground for 3 sec-
onds. If the error should occur during a data transmission, the above described
reactions will happen immediately except for the clamping. This will take place about
200 µs after the end of the stopbit of the lowbyte to guarantee a correct command rec-
ognintion in the second headlamp. The error signal timing is shown in Figure 15.
Figure 15. Error Signal Timing
ERROR RESPONSE
MESSAGE FRAME
3 s
ca. 9.2 ms
Buslevel
1
0
Absolute Maximum Ratings
Parameters
Symbol
Value
Unit
Power supply (t < 400 ms)
V
BAT
-0.3 to +45
V
DC power supply
V
BAT
-0.3 to +28
V
DC output current
I
OUT
±1.1
A
BUS input voltage
V
BUS
-0.3 to V
BAT +0.3
V
Human body model
ESD
2
kV
Charged device model
ESD
500
V
Storage temperature
T
Stg
-55 to +150
°C
Operating temperature
T
op
-40 to +105
°C
Maximum junction temperature
T
jmax
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com