Electronic Components Datasheet Search
  English  ▼

X  

2003 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2003
Description  Gas Discharge Tube Surge Protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2003 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2003 Datasheet HTML 1Page - Bourns Electronic Solutions 2003 Datasheet HTML 2Page - Bourns Electronic Solutions 2003 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
Leadless,surfacemountforeconomicalassembly
n
Compactmini-size
n
Lowcapacitanceandinsertionloss
n
RoHScompliant*
n
ULRecognized
Characteristics
2003SeriesGasDischargeTubeSurgeProtector
*RoHSDirective2015/863,Mar31,2015andAnnex.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificdisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/legal/disclaimer.pdf.
Test Methods per ITU-T (CCITT) K.12 and IEEE C62.31
Glow Voltage ................................................... 10 mA................................................................~ 70 V
Arc Voltage ...................................................... 1 A.....................................................................~ 10 V
Glow-Arc Transition Current .......................................................................................................< 1 A
Maximum Impulse Discharge Current ............. 8/20 µs, 1 Time .................................................2000 A
8/20 µs, 10 Times .............................................1000 A
Impulse Life ..................................................... 8/20 µs, 100 A...................................................300 operations
Alternating Discharge Current ......................... 50 Hz, 1 Sec. ....................................................1 A
DC Holdover Voltage....................................... <150 ms............................................................135 V
Minimum Insulation Resistance..................................................................................................1 gigaohm
Maximum Capacitance.................................... 1 MHz ...............................................................0.5 pF
Operating Temperature...............................................................................................................-40 °C to +90 °C
Moisture Sensitivity Level...........................................................................................................1
ESD Classification (HBM)...........................................................................................................6
Notes:
• UL Recognized component, UL File E153537.
Characteristic
Model No.
2003-07
2003-09
2003-12
2003-15
2003-20
DC Sparkover ± 20 % @ 100 V/s
75 V
90 V
120 V
150 V
200 V
Maximum Impulse Breakdown Voltage
100V/μs
1000V/μs
600 V
700 V
600 V
700 V
600 V
700 V
600 V
700 V
600 V
700 V
DC Holdover Voltage
<150 ms
52 V
52 V
80 V
80 V
135 V
Bourns offers a low-cost surface mount (SM) 2-electrode GDT surge protection device. The 2003 Series is ideal for broadband
protection due to its ultra-low capacitance. The 2003 Series offers superior protection characteristics suitable for telecommunications,
commercial and industrial applications.
Characteristic
Model No.
2003-23
2003-25
2003-35
2003-40
2003-47
DC Sparkover ± 20 % @ 100 V/s
230 V
250 V
350 V
400 V
470 V
Maximum Impulse Breakdown Voltage
100V/μs
1000V/μs
600 V
700 V
600 V
700 V
600 V
800 V
700 V
800 V
900 V
1100 V
DC Holdover Voltage
<150 ms
135 V
135 V
135 V
135 V
135 V
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 520 390 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com


Similar Part No. - 2003

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2003 ALLEGRO-2003 Datasheet
176Kb / 10P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Schurter Inc.
2003 SCHURTER-2003 Datasheet
379Kb / 2P
EU Power Supply Cord with IEC Connector C13, V-Lock, straight
logo
XFMRS Inc.
2003 XFMRS-2003 Datasheet
28Kb / 2P
HIGH QUALITY NETWORKING TRANSFORMERS
logo
Heyco.
2003 HEYCO-2003 Datasheet
133Kb / 1P
Snap Bushings
logo
Adafruit Industries
2003 ADAFRUIT-2003 Datasheet
253Kb / 2P
Silicone Cover Stranded-Core Wire - 2m 30AWG Black
More results

Similar Description - 2003

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2035-09-SM BOURNS-2035-09-SM Datasheet
156Kb / 2P
Precision Gas Discharge Tube Surge Protector
2036-07-SM BOURNS-2036-07-SM Datasheet
234Kb / 2P
Precision Gas Discharge Tube Surge Protector
2027-07-SM-RPLF BOURNS-2027-07-SM-RPLF Datasheet
280Kb / 3P
Precision Gas Discharge Tube Surge Protector
2035-09-SM-RPLF BOURNS-2035-09-SM-RPLF_15 Datasheet
345Kb / 2P
Precision Gas Discharge Tube Surge Protector
2036-07-SM BOURNS-2036-07-SM_16 Datasheet
232Kb / 3P
Precision Gas Discharge Tube Surge Protector
2051-09 BOURNS-2051-09_15 Datasheet
241Kb / 2P
Gas Discharge Tube Surge Protector
2055-23 BOURNS-2055-23 Datasheet
206Kb / 2P
Gas Discharge Tube Surge Protector
2035-XX-SM BOURNS-2035-XX-SM Datasheet
345Kb / 2P
Precision Gas Discharge Tube Surge Protector
2036-XX-SM BOURNS-2036-XX-SM Datasheet
232Kb / 3P
Precision Gas Discharge Tube Surge Protector
2033-80 BOURNS-2033-80 Datasheet
399Kb / 3P
Gas Discharge Tube Surge Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com