Electronic Components Datasheet Search
  English  ▼

X  

2003 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2003
Description  Gas Discharge Tube Surge Protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2003 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2003 Datasheet HTML 1Page - Bourns Electronic Solutions 2003 Datasheet HTML 2Page - Bourns Electronic Solutions 2003 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificdisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/legal/disclaimer.pdf.
2003SeriesGasDischargeTubeSurgeProtector
Product Dimensions
How to Order
2003 - xx - SM - RP LF
Model Number Designator
Voltage (Divided by 10)
Surface Mount
Packaging
RP = Reelpack
RoHS Compliancy
LF = RoHS Compliant Product
Recommended Pad Layout
DIMENSIONS:MILLIMETERS
REV. A 10/17
3.5±0.2
3.5±0.2
2.8±0.2
2.8±0.2
2.1±0.2
0.5
2.8±0.2
2.8±0.2
2.8±0.2
2.5
1.2
4.0
3.5±0.2
3.5±0.2
2.8±0.2
2.8±0.2
2.1±0.2
0.5
2.8±0.2
2.8±0.2
2.8±0.2
2.5
1.2
4.0
DIMENSIONS:MILLIMETERS
Typical Part Marking
2003-07-SM-RPLF ................................................................. B07
2003-09-SM-RPLF ................................................................. B09
2003-12-SM-RPLF ................................................................. B12
2003-15-SM-RPLF ................................................................. B15
2003-20-SM-RPLF ................................................................. B20
2003-23-SM-RPLF ................................................................. B23
2003-25-SM-RPLF ................................................................. B25
2003-35-SM-RPLF ................................................................. B35
2003-40-SM-RPLF ................................................................. B40
2003-47-SM-RPLF ................................................................. B47
3.5±0.2
3.5±0.2
2.8±0.2
2.8±0.2
2.1±0.2
0.5
2.8±0.2
2.8±0.2
2.8±0.2
2.5
1.2
4.0
Packaging Specifications
The Model 2003-xx-SM ships standard reelpack (-RP), 2,500 pieces per reel,
7,500 pieces per box. Reel is 330 mm in diameter and 12 mm wide.
DIMENSIONS:MILLIMETERS
1.5 +0.1/-0
DIA.
4.0 ± 0.1
2.0 ± 0.1
0.4 ± 0.1
8.0 ± 0.1
12.0 ± 0.3
1.75 ± 0.1
5.5 ± 0.1
3.9 ± 0.1
3.2 ± 0.1
3.2 ± 0.1
330 ± 4.0
DIA.
1.5
MIN.
100
TYP.
1.5 +0.1/-0
DIA.
4.0 ± 0.1
2.0 ± 0.1
0.4 ± 0.1
8.0 ± 0.1
12.0 ± 0.3
1.75 ± 0.1
5.5 ± 0.1
3.9 ± 0.1
3.2 ± 0.1
3.2 ± 0.1
330 ± 4.0
DIA.
1.5
MIN.
100
TYP.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com