Electronic Components Datasheet Search
  English  ▼

X  

ATF1504ASV Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATF1504ASV
Description  Low-voltage, Complex Programmable Logic Device
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASV Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATF1504ASV Datasheet HTML 21Page - ATMEL Corporation ATF1504ASV Datasheet HTML 22Page - ATMEL Corporation ATF1504ASV Datasheet HTML 23Page - ATMEL Corporation ATF1504ASV Datasheet HTML 24Page - ATMEL Corporation ATF1504ASV Datasheet HTML 25Page - ATMEL Corporation ATF1504ASV Datasheet HTML 26Page - ATMEL Corporation ATF1504ASV Datasheet HTML 27Page - ATMEL Corporation ATF1504ASV Datasheet HTML 28Page - ATMEL Corporation ATF1504ASV Datasheet HTML 29Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
27
ATF1504ASV(L)
1409I–PLD–2/03
100Q1 – PQFP
PIN 1 ID
16.95 (0.667)
17.45 (0.687)
19.90 (0.783)
20.10 (0.791)
22.95 (0.904)
23.45 (0.923)
0.65 (0.0256) BSC
0.22 (0.009)
0.40 (0.016)
3.40 (0.134) MAX
0.50 (0.020)
0.73 (0.029)
1.03 (0.041)
13.90 (0.547)
14.12 (0.556)
0.11 (0.004)
0.23 (0.009)
0º~7º
0.25 (0.010)
Dimensions in Millimeters and (Inches)*
*Controlling dimensions: millimeters
JEDEC STANDARD MS-022, GC-1
PIN 1
04/11/2001
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
100Q1, 100-lead, 14 x 20 mm Body, 3.2 mm Footprint, 0.65 mm Pitch,
Plastic Quad Flat Package (PQFP)
A
100Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com