Electronic Components Datasheet Search
  English  ▼

X  

SP8611 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # SP8611
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP8611 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  SP8611 Datasheet HTML 1Page - SamHop Microelectronics Corp. SP8611 Datasheet HTML 2Page - SamHop Microelectronics Corp. SP8611 Datasheet HTML 3Page - SamHop Microelectronics Corp. SP8611 Datasheet HTML 4Page - SamHop Microelectronics Corp. SP8611 Datasheet HTML 5Page - SamHop Microelectronics Corp. SP8611 Datasheet HTML 6Page - SamHop Microelectronics Corp. SP8611 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Suface Mount Package.
S mHop Microelectronics C orp.
a
Symbol
VDS
VGS
IDM
95
W
A
PD
°C
1.32
-55 to 150
ID
Units
Parameter
20
8
48
°C/W
V
V
±12
TA=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
20V
8A
18.0
@
VGS=2.5V
12.5
@
VGS=4.5V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Limit
Drain Current-Continuous
b
-Pulsed a
A
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
Thermal Resistance, Junction-to-Ambient
R JA
Ver 2.1
www.samhop.com.tw
Jun,14,2016
1
Details are subject to change without notice.
TA=25°C
TA=70°C
A
TA=70°C
W
Dual N-Channel Enhancement Mode Field Effect Transistor
SP8611
Green
Product
ESD Protected.
6.4
0.84
S mini 8
P IN 1
b
15.0
@
VGS=3.1V
13.5
@
VGS=4.0V
14.0
@
VGS=3.7V
S1
G 1
S2
G 2
D1
D1
D2
D2


Similar Part No. - SP8611

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8611 ZARLINK-SP8611 Datasheet
336Kb / 9P
asynchronous ECL divide
SP8611AADG ZARLINK-SP8611AADG Datasheet
336Kb / 9P
asynchronous ECL divide
SP8611ADG ZARLINK-SP8611ADG Datasheet
336Kb / 9P
asynchronous ECL divide
SP8611BDG ZARLINK-SP8611BDG Datasheet
336Kb / 9P
asynchronous ECL divide
SP8611NA1C ZARLINK-SP8611NA1C Datasheet
336Kb / 9P
asynchronous ECL divide
More results

Similar Description - SP8611

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com